Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8464BTP-3 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464BTP-3
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464BTP-3 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8464BTP-3 Datasheet HTML 5Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 6Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 7Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 8Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 9Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 10Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 11Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 12Page - National Semiconductor (TI) DP8464BTP-3 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Application Information (Continued)
GAIN CONTROLLED AMPLIFIER
The purpose of the Gain Controlled Amplifier is to increase
the differential input signal to a fixed amplitude while main-
taining the exact shape of the input waveform The Gain
Controlled Amplifier is designed to accept input signals from
20 mVpp to 660 mVpp differential and amplify that signal to
4 Vpp differential The gain is therefore from 6 to 200 and is
controlled by the automatic gain control (AGC) loop The
amplifier output is actually capable of delivering typically 5
Vpp differential output but the parts are only tested and
guaranteed to 4 Vpp
The input to the Gain Controlled Amplifier is shown in
Figure
3 The value of the input capacitors should be selected so
that the pole formed by the coupling capacitor and the 1k
bias resistor is a factor of 10 lower than the lowest signal
frequency These input bias resistors have a g20% toler-
ance and a temperature coefficient of 005% per degree C
When the pulse detector is in the write mode these bias
resistors are automatically shunted by 425X resistors This
allows the input circuit to recover quickly from the large tran-
sients encountered during a write to read transition The
input impedance to the amplifier is therefore 1k during read
operations and 300X during write operations
The output of the Gain Controlled Amplifier is shown in
Fig-
ure 4 The outputs are biased at (12V b (075 mA c 24k)
b
075V) or 95V Since each output will swing g1V (4 Vpp
differential) each output pin will swing from 85V to 105V If
the total differential load placed on the output is 1k (see
Figure 5 ) then the circuit must supply 2V1k or 2 mA Since
the output is class A external resistors to ground must be
used to provide the sink current In this case in order to sink
2 mA at the lowest voltage then (85V2 mA) or an external
43k resistor from each output to ground is required Note
that the circuit has additional margin since the internal 2 mA
current sources were not included in the calculation Typi-
cally the output impedance of the Gain Controlled Amplifier
is 17X and the b3 dB bandwidth is greater than 20 MHz
TLF5283 – 8
FIGURE 3 Input to Gain Controlled Amplifier
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com