Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025AMTC/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025AMTC/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025AMTC/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5025AMTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025AMTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LOGIC
VIN
REF
SS
20 PA
RT
LOGIC
PGND
AGND
5V
REFERENCE
OSCILLATOR
CLK
CS1
TIME
0.5V
0.5V
PWM
5k
5V
1V
R
S
Q
Q
SS
FF RAMP
CS2
RAMP
SLOPE D TO VIN
CLK + LEB
7.6V SERIES
REGULATOR
OUT_B
DRIVER
VCC
COMP
SS
SS Amp
(Sink Only)
MAX V*S
CLAMP
SYNC
UVLO
HYSTERESIS
(20 PA)
2.5V
+
-
UVLO
+
-
OUT_A
DRIVER
VCC
VCC
VCC
UVLO
2.5V
19 PA
DEADTIME
OR
OVERLAP
CONTROL
+
-
+
-
+
-
ENABLE
OUTPUTS
LM5025A
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Block Diagram
Figure 3. Simplified Block Diagram
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com