Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T1235H
Description  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235H Datasheet(HTML) 2 Page - STMicroelectronics

  T1235H Datasheet HTML 1Page - STMicroelectronics T1235H Datasheet HTML 2Page - STMicroelectronics T1235H Datasheet HTML 3Page - STMicroelectronics T1235H Datasheet HTML 4Page - STMicroelectronics T1235H Datasheet HTML 5Page - STMicroelectronics T1235H Datasheet HTML 6Page - STMicroelectronics T1235H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T1235H Series
2/7
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
STATIC CHARACTERISTICS
Note 1: minimum IGT is guaranted at 10% of IGT max.
Note 2: for both polarities of A2 referenced to A1
THERMAL RESISTANCES
S: Copper surface under tab
PRODUCT SELECTOR
Symbol
Test Conditions
Quadrant
Value
Unit
IGT (1)
VD = 12 V
RL = 33 Ω
I - II - III
MAX.
35
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 150°C
I - II - III
MIN.
0.15
V
IH (2)
IT = 100 mA
MAX.
35
mA
IL
IG = 1.2 IGT
I - III
MAX.
50
mA
II
80
dV/dt (2)
VD = 67 % VDRM gate open Tj = 150°C
MIN.
300
V/µs
(dI/dt)c (2)
Without snubber
Tj = 150°C
MIN.
5.3
A/ms
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 17 A
tp = 380 µs
Tj = 25°C
MAX.
1.5
V
Vto (2)
Threshold voltage
Tj = 150°C
MAX.
0.80
V
Rd (2)
Dynamic resistance
Tj = 150°C
MAX.
25
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 150°C
5.5
mA
VD/VR = 400 V (at mains peak voltage)
Tj = 150°C
3.5
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D
²PAK
TO-220AB
1.2
°C/W
Rth(j-a)
Junction to ambient
S = 1 cm
²
D
²PAK
45
°C/W
TO-220AB
60
Part Number
Voltage
Sensitivity
Type
Package
T1235H-600G
600 V
35 mA
Snubberless
D²PAK
T1235H-600T
600 V
35 mA
Snubberless
TO-220AB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com