Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235H Datasheet(PDF) 4 Page - STMicroelectronics

Part # T1235H
Description  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235H Datasheet(HTML) 4 Page - STMicroelectronics

  T1235H Datasheet HTML 1Page - STMicroelectronics T1235H Datasheet HTML 2Page - STMicroelectronics T1235H Datasheet HTML 3Page - STMicroelectronics T1235H Datasheet HTML 4Page - STMicroelectronics T1235H Datasheet HTML 5Page - STMicroelectronics T1235H Datasheet HTML 6Page - STMicroelectronics T1235H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
T1235H Series
4/7
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5: Surge peak on-state current versus
number of cycles.
Fig. 6:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
Fig.
7:
On-state
characteristics
(maximum
values).
Fig. 8:
Relative variation of critical rate of
decrease
of
main
current
versus
junction
temperature (typical values).
Fig. 9: Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
-40
-20
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
Tj(°C)
IGT,IH,IL [Tj] / IGT,IH,IL [Tj=25°C]
IGT
IH & IL
1
10
100
1000
0
25
50
75
100
125
150
Number of cycles
ITSM(A)
Non repetitive
Tj initial=25°C
Repetitive
Tc=135°C
One cycle
t=20ms
0.01
0.10
1.00
10.00
100
1000
2000
tp(ms)
ITSM(A),I²t(A²s)
Tj initial=25°C
ITSM
I²t
dI/dt limitation:
50A/µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
200
VTM(V)
ITM(A)
Tj=25°C
Tj max.
Vto = 0.80 V
Rd = 25 m
Ω
Tj max.
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
Tj(°C)
(dI/dt)c [Tj] / (dI/dt)c [Tj=150°C]
0.1
1.0
10.0
100.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com