Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1235H
Description  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235H Datasheet(HTML) 3 Page - STMicroelectronics

  T1235H Datasheet HTML 1Page - STMicroelectronics T1235H Datasheet HTML 2Page - STMicroelectronics T1235H Datasheet HTML 3Page - STMicroelectronics T1235H Datasheet HTML 4Page - STMicroelectronics T1235H Datasheet HTML 5Page - STMicroelectronics T1235H Datasheet HTML 6Page - STMicroelectronics T1235H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T1235H Series
3/7
ORDERING INFORMATION
OTHER INFORMATION
Part Number
Marking
Weight
Base
quantity
Packing
mode
T1235H-600G
T1235H600G
1.5 g
50
Tube
T1235H-600G-TR
T1235H600G
1.5 g
1000
Tape & reel
T1235H-600T
T1235H600T
2.3 g
250
Bulk
T1235H-600TRG
T1235H-600T
2.3 g
50
Tube
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2-1: RMS on-state current versus case
temperature (full cycle).
Fig. 2-2: RMS on-state current versus ambient
temperature (printed circuit board FR4, copper
thickness: 35
µm), full cycle.
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
T 12 35
H
-
600 G
(-TR)
TRIAC
SERIES
SENSITIVITY:
35: 35mA
VOLTAGE:
600: 600V
CURRENT: 12A
PACKAGE:
G: D PAK
T: TO-220AB
2
PACKING MODE:
Blank: Tube (D PAK)
Blank: Bulk (TO-220AB)
RG: Tube (TO-220AB)
-TR: Tape & Reel (D PAK)
2
2
HIGH TEMPERATURE
02
46
8
10
12
0
2
4
6
8
10
12
14
IT(RMS)(A)
P(W)
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
Tc(°C)
IT(RMS)(A)
0
25
50
75
100
125
150
0
1
2
3
4
5
Tamb(°C)
IT(RMS)(A)
DPAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com