Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APWLE Datasheet(PDF) 31 Page - Texas Instruments

Part # SN74LVC244APWLE
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244APWLE Datasheet(HTML) 31 Page - Texas Instruments

Back Button SN74LVC244APWLE Datasheet HTML 26Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 27Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 28Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 29Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 30Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 31Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 32Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 33Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
20X (0.2)
20X (0.6)
(
) TYP
VIA
0.2
16X (0.4)
(3.1)
(2.3)
(0.7)
(1.14)
(R
)
TYP
0.05
(1.9)
X1QFN - 0.5 mm max height
RWP0020A
PLASTIC QUAD FLATPACK - NO LEAD
4221912/A 03/2015
SYMM
1
6
7
10
11
16
17
20
SYMM
LAND PATTERN EXAMPLE
SCALE:20X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com