Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APWLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC244APWLE
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244APWLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC244APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
SN74LVC244A
SCAS414AA – NOVEMBER 1992 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVC244A
Submit Documentation Feedback
Copyright © 1992–2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DB, DGV,
DW, N, NS,
PW, and
RGY
ZQN
RWP
1A1
2
A1
1
I
Input
1A2
4
B1
3
I
Input
1A3
6
C1
5
I
Input
1A4
8
D1
7
I
Input
1OE
1
A2
20
I
Output enable
1Y1
18
B4
17
O
Output
1Y2
16
C4
15
O
Output
1Y3
14
D4
13
O
Output
1Y4
12
E4
11
O
Output
2A1
11
E3
10
I
Input
2A2
13
D2
12
I
Input
2A3
15
C3
14
I
Input
2A4
17
B2
16
I
Input
2OE
19
A2
18
I
Output enable
2Y1
9
E2
8
O
Output
2Y2
7
D3
6
O
Output
2Y3
5
C2
4
O
Output
2Y4
3
B3
2
O
Output
GND
10
E1
9
—
Ground
VCC
20
A3
19
—
Power pin
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
(4)
For the DW package: above 70°C the value of Ptot derates linearly with 8 mW/K.
(5)
For the DB, DGV, N, NS, and PW packages: above 60°C the value of Ptot derates linearly with 5.5 mW/K.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state (2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
Ptot
Power dissipation
TA = –40°C to +125°C
(4) (5)
500
mW
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com