Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC244APWLE
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244APWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC244APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC244APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
18
1Y1
1OE
1A1
4
16
1Y2
1A2
6
14
1Y3
1A3
8
12
1Y4
1A4
19
11
9
2Y1
2OE
2A1
13
7
2Y2
2A2
15
5
2Y3
2A3
17
3
2Y4
2A4
Pin numbers shown are for the DB, DGV, DW, N, NS, PW, and RGY packages.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC244A
SCAS414AA – NOVEMBER 1992 – REVISED JUNE 2016
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
1
1 Features
1
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Specified From –40°C to +85°C and
–40°C to +125°C
•
Maximum tpd of 5.9 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
•
Supports Mixed-Mode Signal Operation on
All Ports (5-V Input or Output Voltage With
3.3-V VCC)
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
•
Can Be Used as a Down Translator to Translate
Inputs From a Maximum of 5.5 V Down
to the VCC Level
•
Available in Ultra Small Logic QFN Package (0.5
mm Maximum Height)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model
–
1000-V Charged-Device Model
2 Applications
•
Servers
•
LED Displays
•
Network Switches
•
Telecom Infrastructure
•
Motor Drivers
•
I/O Expanders
3 Description
These octal bus buffers are designed for 1.65-V to
3.6-V VCC operation. The SN74LVC244A devices
are
designed
for
asynchronous
communication
between data buses.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC244AN
PDIP (20)
25.40 mm × 6.35 mm
SN74LVC244ANS
SO (20)
12.60 mm × 5.30 mm
SN74LVC244ADB
SSOP (20)
7.50 mm × 5.30 mm
SN74LVC244ADGV
TVSOP (20)
5.00 mm × 4.40 mm
SN74LVC244ADW
SOIC (20)
12.80 mm × 7.50 mm
SN74LVC244ARGY
VQFN (20)
4.50 mm × 3.50 mm
SN74LVC244AZQN
BGA (20)
3.00 mm × 4.00 mm
SN74LVC244APW
TSSOP (20)
6.50 mm × 4.40 mm
SN74LVC244ARWP
X1QFN (20)
2.50 mm × 3.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SN74LVC244APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC244APWLE TI-SN74LVC244APWLE Datasheet
586Kb / 19P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244APWLE TI-SN74LVC244APWLE Datasheet
967Kb / 23P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC244APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com