Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97600CIUT/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 39Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 40Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 41Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 42Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 43Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 44Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 45Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 46Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power supply rails. For device reliability, no input should go
more than 150 mV below the ground pins or 150 mV above the supply pins. Exceeding these limits on even a
transient basis may not only cause faulty or erratic operation, but may impair device reliability. It is not
uncommon for high speed digital circuits to exhibit undershoot that goes more than a volt below ground.
Controlling the impedance of high speed lines and terminating these lines in their characteristic impedance
should control overshoot.
Care should be taken not to overdrive the inputs of the LM97600. Such practice may lead to conversion
inaccuracies and even to device damage.
Incorrect analog input common mode voltage in the d.c. coupled mode. As discussed in The Analog Inputs
and THE ANALOG INPUT sections, the Input common mode voltage (VCMI) must remain the specified range as
referenced to VCMO, which has a variability with temperature that must also be tracked. Distortion performance
will be degraded if the input common mode voltage is outside the specified VCMI range.
Using an inadequate amplifier to drive the analog input. Use care when choosing a high frequency amplifier
to drive the LM97600 as many high speed amplifiers will have higher distortion than will the LM97600, resulting
in overall system performance degradation.
Driving the clock input with an excessively high level signal. The ADC input clock level should not exceed
the level described in the Operating Ratings table or the input offset could change.
Inadequate input clock levels. As described in THE SAMPLE CLOCK INPUT, insufficient input clock levels can
result in poor performance. Excessive input clock levels could result in the introduction of an input offset.
Using a clock source with excessive jitter, using an excessively long input clock signal trace, or having
other signals coupled to the input clock signal trace. This will cause the sampling interval to vary, causing
excessive output noise and a reduction in SNR performance.
Failure to provide adequate heat removal. As described in Thermal Management, it is important to provide
adequate heat removal to ensure device reliability. This can be done either with adequate air flow or the use of a
simple heat sink built into the board. The backside pad should be grounded for best performance.
REGISTER DEFINITIONS
Table 11. Register Addresses
4-Bit Address
Loading Sequence:
A4 loaded after H0, A0 loaded last
A4
A3
A2
A1
A0
Hex
Register Addressed
0
0
0
0
1
01h
Config 1
0
0
0
1
0
02h
Config 2
0
0
0
1
1
03h
Calibration Config
0
0
1
0
0
04h
Ch A Gain & Config
0
0
1
0
1
05h
Ch A Offset
0
0
1
1
0
06h
Ch B Gain & Config
0
0
1
1
1
07h
Ch B Offset
0
1
0
0
0
08h
Ch C Gain & Config
0
1
0
0
1
09h
Ch C Offset
0
1
0
1
0
0Ah
Ch D Gain & Config
0
1
0
1
1
0Bh
Ch D Offset
0
1
1
0
0
0Ch
Aperture Adjust
0
1
1
0
1
0Dh
ADC Test Pattern
0
1
1
1
0
0Eh
Cal Scan Register
0
1
1
1
1
0Fh
Reserved
1
0
0
0
0
10h
SYNC
1
0
0
0
1
11h
Serial Config 1
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com