Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97600CIUT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM97600CIUT/NOPB Datasheet HTML 1Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 2Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 3Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 4Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 5Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 6Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 7Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 8Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
LM97600 7.6-Bit, 1/2/4 Channel, 5/2.5/1.25 GSPS, High Performance, Low Power A/D
Converter
Check for Samples: LM97600
1
FEATURES
DESCRIPTION
The LM97600 is a single/dual/quad, low power, high
2
•
10 Lane High Speed Serial Data Output
performance
SiGe
BiCMOS
analog-to-digital
•
Serial Interface for Extended Control
converter that digitizes signals at sampling rates up to
•
Adjustment of Input Full-Scale Range and
5.0/2.5/1.25 GSPS. Consuming a typical 3.1 Watts at
Offset
5 GSPS from 1.2 and 2.5 Volt dual supplies, this
device is ensured to have no missing codes over the
•
Duty Cycle Corrected Sample Clock
full operating temperature range. The unique folding
•
Multiple Test Patterns
and interpolating architecture, the fully differential
•
Dual +1.2V ±0.06V and 2.5V ±0.125V Operation
comparator design, the innovative design of the
internal sample-and-hold amplifier and the self-
calibration scheme enable an excellent response of
KEY SPECIFICATIONS
all
dynamic
parameters,
producing
a
high
6.6
•
Average Output Word Size: 7.6 bits
Effective Number Of Bits, (ENOB) with a 248 MHz
•
Max Conversion Rate: 1.25/2.5/5.0 GSPS (min)
input signal and a 5 GHz sample rate. The LM97600
achieves a 5 GSPS sampling rate by utilizing both the
•
Error Rate: 10−18 (typ)
rising and falling edge of a 2.5 GHz input clock. Data
•
ENOB @ 998 MHz Input: 6.4 Bits (typ)
encoding is 8 bits offset binary. Average output word
•
SNR @ 998 MHz: 41 dB (typ)
size is 7.6 bits. The serialized data is 8b10b encoded
providing DC balance and AC coupling capability.
•
Full Power Bandwidth (-3dB) Dual Mode: 1.2
Decoding can be accomplished using existing FPGA
GHz (typ)
serial I/O modules.
•
Power Consumption
The converter typically consumes less than 65 mW in
–
Operating: 3.0 W (typ)
the Power Down Mode and is available in a 292 ball,
–
Power Down Mode: 60 mW (typ)
thermally enhanced substrate BGA, and operates
over the Industrial (-40°C
≤ TA ≤ +85°C) ambient
APPLICATIONS
temperature range.
•
Digital Oscilloscopes
•
Test Instrumentation
•
Industrial Digitizers
•
Automated Test Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM97600CIUT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97600 TI1-LM97600 Datasheet
1Mb / 57P
7.6-Bit, 1/2/4 Channel, 5/2.5/1.25 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - LM97600CIUT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Intronics Power, Inc.
ADC1143 INTRONICS-ADC1143 Datasheet
798Kb / 4P
Low Power/High Performance 16-Bit A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
High Performance, Low Power A/D Converter with 4K Buffer
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
logo
Rockchip Electronics Co...
RK3588 ROCKCHIP-RK3588 Datasheet
600Kb / 3P
A high performance, low power AloT processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com