Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97600CIUT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM97600CIUT/NOPB Datasheet HTML 1Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 2Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 3Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 4Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 5Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 6Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 7Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 8Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
GND
VA
VA
AGND
VA
AGND
100
1k
1k
Register 1, Bit 5
VCMO
RIN
Configuration
GND
GND
VA
VA
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
PIN DESCRIPTIONS and EQUIVALENT CIRCUITS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Signal Input 1
(Input):Analog The differential full-scale input range is determined
by the Full-Scale Voltage Adjust register for the selected ADC
E1
VIN1+
Channel.
F1
VIN1−
The coupling mode (AC or DC) is selected via Configuration
Register 1, Bit 5. Unused inputs should be connected to pin V3
VCMO.
Signal Input 3
(Input):Analog The differential full-scale input range is determined
by the Full-Scale Voltage Adjust register for the selected ADC
J1
VIN3+
Channel.
H1
VIN3−
The coupling mode (AC or DC) is selected via Configuration
Register 1, Bit 5. Unused inputs should be connected to pin V3
VCMO
Signal Input 4
(Input):Analog The differential full-scale input range is determined
by the Full-Scale Voltage Adjust register for the selected ADC
M1
VIN4+
Channel.
N1
VIN4−
The coupling mode (AC or DC) is selected via Configuration
Register 1, Bit 5. Unused inputs should be connected to pin V3
VCMO
Signal Input 2
(Input):Analog The differential full-scale input range is determined
by the Full-Scale Voltage Adjust register for the selected ADC
T1
VIN2+
Channel.
R1
VIN2−
The coupling mode (AC or DC) is selected via Configuration
Register 1, Bit 5. Unused inputs should be connected to pin V3
VCMO
ADC Sync
A5
SYNC+
(Input):LVDS A positive differential pulse on these pins is used to
B5
SYNC
−
reset and synchronize multiple converters. See Multiple ADC
Synchronization for detailed description.
Common Mode Voltage
(Output):Analog - The voltage output at this pin is required to be
V3
VCMO
the common mode input voltage at VIN+ and VIN− when d.c.
coupling is used. This pin is capable of sourcing or sinking 100
μA
and can drive a load up to 80 pF.
Bandgap Output Voltage
W4
VBG
(Output):Analog - Capable of 100
μA source/sink and can drive a
load up to 80 pF.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com