Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMAX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
P
= (V x I
) - Power in Load
= (24 x 21)mW - 40mW
= 464mW
D(TOTAL)
S
avg
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Application Details (continued)
The average current for a load power of 20 mW is 14.1 mA (=
√(20mW/100)). Neglecting the AB bias current,
this appears as a full-wave rectified current waveform in the supply current with a peak value of 19.9mA. The
peak to average ratio for a waveform of this shape is 1.57, so the total average load current is 12.7 mA (= 19.9
mA/1.57). Adding this to the quiescent current, and subtracting the power dissipated in the load (20 mV x 2 = 40
mW) gives the same package power dissipation level calculated above (= (12.7 + 13) mA x 24 V –40 mV = 576
mW). Nevertheless, when the supply current peak swing is measured, it is found to be significantly lower
because the AB bias current is contributing to the load current. The supply current has a peak swing of only 14
mA (compared to 19.9 mA) superimposed on the quiescent current, with a total average value of only 21 mA.
Therefore, the total package power dissipation in this application is:
(5)
This level of power dissipation would not take the junction temperature in the 8-Pin SO PowerPAD package over
the absolute maximum rating at elevated ambient temperatures (barely), but there is no margin to allow for
component tolerances or signal variances.
To develop 20 mW in a 100
Ω requires each amplifier to deliver a peak voltage of only 2V, or 4V(P-P). This level
of signal swing does not require a high supply voltage but the application uses a 24V supply. This is because the
modulation technique uses a large number of tones to transmit the data. While the average power level is held to
20 mW, at any time the phase and amplitude of individual tones will be such as to generate a combined signal
with a higher peak value than 2 V. For DMT this crest factor is taken to be around 5.33 so each amplifier has to
be able to handle a peak voltage swing of:
VLpeak = 1.4 x 5.33 = 7.5 V or 15 V(P-P)
(6)
If other factors, such as transformer loss or even higher peak to average ratios are allowed for, this means the
amplifiers must each swing between 16 to 18 V(P-P).
The required signal swing can be reduced by using a step-up transformer to drive the line. For example a 1:2
ratio will reduce the peak swing requirement by half, and this would allow the supply to be reduced by a
corresponding amount. This is not recommended for the LM7372 in this particular application for two reasons.
First, although the quiescent power contribution to the overall dissipation is reduced by about 150 mW, the
internal power dissipation to drive the load remains the same, since the load for each amplifier is now 25
Ω
instead of 100
Ω. Secondly, this is a transceiver application where downstream signals are simultaneously
appearing at the transformer secondary. The down stream signals appear differentially across the back
termination resistors and are now stepped down by the transformer turns ratio with a consequent loss in receiver
sensitivity compared to using a 1:1 transformer. Any trade-off to reduce the supply voltage by an increase in
turns ratio should bear these factors in mind, as well as the increased signal current levels required with lower
impedance loads.
At an elevated ambient temperature of 85°C and with an average power dissipation of 464mW, a package
thermal resistance between 60°C/W and 80°C/W will be needed to keep the maximum junction temperature in
the range 110°C to 120°C. The SO PowerPAD package would be the package of choice here with ample board
copper area to aid in heat dissipation (see Table 2).
For most standard surface mount packages (8-Pin SOIC, 14-Pin SOIC, 16-Pin SOIC, and so forth), the only
means of heat removal from the die is through the bond wires to external copper connecting to the leads. Usually
it will be difficult to reduce the thermal resistance of these packages below 100°C/W by these methods and
several manufacturers, including Texas Instruments, offer package modifications to enhance the thermal
characteristics.
16
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com