Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMAX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 20Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 21Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 22Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 23Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
9 Power Supply Recommendations
The LM7372 is fabricated on a high voltage, high speed process. Using high supply voltages ensures adequate
headroom to give low distortion with large signal swings. In Figure 24, a single 24 V supply is used. To maximize
the output dynamic range the non-inverting inputs are biased to half supply voltage by the resistive divider R1,
R2. The input signals are AC coupled and the coupling capacitors (C1, C2) can be scaled with the bias resistors
(R3, R4) to form a high pass filter if unwanted coupling from the POTS signal occurs.
Supply decoupling is important at both low and high frequencies. The 10µF Tantalum and 0.1µF Ceramic
capacitors should be connected close to the supply Pin 14. Note that the V− pin (pin 6), and the PCB area
associated with the heatsink (Pins 1,8,9 & 16) are at the same potential. Any layout should avoid running input
signal leads close to this ground plane, or unwanted coupling of high frequency supply currents may generate
distortion products.
Although this application shows a single supply, conversion to a split supply is straightforward. The half supply
resistive divider network is eliminated and the bias resistors at the non-inverting inputs are returned to ground.
For example, see Figure 23 where the pin numbers in Figure 23 are given for SO PowerPAD package, whereas
those
in
Single Supply Application (16-Pin SOIC) are for the SOIC package. With a split supply, note that the ground
plane and the heatsink copper must be separate and are at different potentials, with the heatsink (pin 4 of the SO
PowerPAD, pins 6,1,8,9 and 16 of the SOIC) now at a negative potential (V−).
In either configuration, the area under the input pins should be kept clear of copper (whether ground plane
copper or heatsink copper) to avoid parasitic coupling to the inputs.
The LM7372 is stable with non inverting closed loop gains as low as +2. Typical of any voltage feedback
operational amplifier, as the closed loop gain of the LM7372 is increased, there is a corresponding reduction in
the closed loop signal bandwidth. For low distortion performance it is recommended to keep the closed loop
bandwidth at least 10X the highest signal frequency. This is because there is less loop gain (the difference
between the open loop gain and the closed loop gain) available at higher frequencies to reduce harmonic
distortion terms.
20
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com