Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMAX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 20Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
16-PIN SURFACE
MOUNT
L*
H*
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
Application Details (continued)
Figure 25. Copper Heatsink Patterns
The LM7372 is available in the 16-Pin SOIC package. Since only 8 pins are needed for the two operational
amplifiers, the remaining pins are used for heat sink purposes. Each of the end pins, 1,8,9 & 16 are internally
bonded to the lead frame and form an effective means of transferring heat to external copper. This external
copper can be either electrically isolated or be part of the topside ground plane in a single supply application.
Figure 25 shows a copper pattern which can be used to dissipate internal heat from the LM7372. Table 1 gives
some values of RθJA for different values of L and H with 1oz copper.
Table 1. 16-Pin SOIC Thermal Resistance with Area of Cu
L (in)
H (in)
RθJA (°C/W)
1
0.5
83
2
1
70
3
1.5
67
From Table 1 it is apparent that two areas of 1oz copper at each end of the package, each 2 in2 in area (for a
total of 2600mm2) will be sufficient to hold the maximum junction temperature under 120°C with an 85°C ambient
temperature.
An even better package for removing internally generated heat is a package with an exposed die attach paddle.
Improved removal of internal heat can be achieved by directly connecting bond wires to the lead frame inside the
package. Since this lead frame supports the die attach paddle, heat is transferred directly from the substrate to
the outside copper by these bond wires. The LM7372 is also available in the 8-Pin SO PowerPAD package. For
this package the entire lower surface of the paddle is not covered with plastic, which would otherwise act as a
thermal barrier to heat transfer. Heat is transferred directly from the die through the paddle rather than through
the small diameter bonding wires. Values of RθJA in °C/W for the SO PowerPAD package with various areas and
weights of copper are tabulated in Table 2.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com