Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8207MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 14Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 19Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 20Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
R18 = ¨
¨
©
§ VGMA18
I
and R
X =
¨
¨
©
§ VGMAx
I
-
¦
18
Ry
y=x+1
GAMMA_2
GAMMA_4
GAMMA_5
GAMMA_3
GAMMA_6
GAMMA_7
GAMMA_9
GAMMA_10
GAMMA_11
GAMMA_14
GAMMA_12
GAMMA_13
GAMMA_15
GAMMA_16
GAMMA_17
GAMMA_18
LM8207
14.4 V
VGMA1
VGMA2
VGMA3
VGMA16
VGMA17
VGMA18
R18
R17
R16
R1
R2
COLUMN DRIVERS
GAMMA_1
GAMMA_8
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
•
Gamma Buffers 17-18
–
Operating voltage range: VDD - 2 to VSS. Due to the operating voltage, only positive transitions at the
output are possible. Negative transitions will exceed the negative supply voltage VSS. These buffers are
able to sink current from the resistive load of the column driver having an open collector structure. To
meet the operating voltage range, these outputs need a resistive load connected to a higher potential
sinking an output current of at least 1 mA
Example:
A typical application using the LM8207 is given in Figure 38. The corresponding gamma correction curve
(VGMA1...VGMA18) is defined in Table 1. The Voltage Reference supplies the 14.4V to the resistor network. The
calculations for the resistor values and for setting the Voltage Reference are shown in the section “Voltage
Reference.”
Figure 38. Typical TFT Display Application Diagram Using the LM8207
The values of the resistors in the gamma correction curve are calculated such that a current of 1 mA flows in the
resistor chain.
where
•
x is the index for the corresponding gamma voltage and has a range of 1 to 18
(3)
Using these formulas the resistor values in Table 1 are calculated. High accuracy resistors values can be
realized using 0.1% resistors. A method for fine-tuning the resistor value is to combine two resistors in series.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com