Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8207MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 10Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 11Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 12Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 13Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 14Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
OUT_VREF = 1.295 x ¨
¨
©
§ R
1 + R2
R2
OUT_VREF = 1.295 x ¨
¨
©
§ R
1 + R2
R2
+ R1 x IIN_V
REF
+
-
LM8207
OUT_VREF
IN_VREF
R1
R2
1.295V
VREF
+
-
IIN_V
REF
LM8207
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
PRINCIPLE OPERATION of the LM8207
The LM8207 combines three basic functions used in TFT displays:
•
Voltage Reference
–
To improve picture quality and to reduce brightness variations, a highly stable reference voltage is
available. It has a low drift over the operation temperature range. This output voltage (OUT_VREF) is used
as the reference voltage to define the gamma correction values.
•
Gamma Buffers
–
The gamma correction curve can be defined easily using an external chain of precision resistors. To
ensure load independent gamma correction levels, 18 gamma buffers, each having a low output
resistance, can be used to drive the TFT display column drivers.
•
VCOM Buffer
–
The VCOM buffer supplies a common voltage, which is applied to the back plate of all the pixels. Writing
color information to all the pixels will cause high current variations at the VCOM level so this VCOM buffer is
designed for driving large output currents.
These three functions are discussed in detail in the following sections.
VOLTAGE REFERENCE
The internal Voltage Reference of the LM8207 can be used to improve picture stability. This accurate reference
is highly stable over the operation temperature range. The output voltage (OUT_VREF) of the Voltage Reference
can be set using two external resistors. In the next two sections, the possibilities for setting the output voltage of
the Voltage Reference and the operating range of the Voltage Reference are discussed.
SETTING THE OUTPUT VOLTAGE OF THE VOLTAGE REFERENCE
The output voltage of the Voltage Reference Amplifier (OUT_VREF) can be set using the internal reference in
combination with the internal amplifier and two external resistors. In Figure 33 a typical application circuit for VREF
is given.
Figure 33. Typical Application Circuit for VREF
To calculate the output voltage of the Voltage Reference Amplifier (OUT_VREF) use the following equation:
(1)
As can be seen in the 16V Electrical Characteristics table, IIN_VREF has a typical value of −10 nA. Using resistor
values for R1 = 9 kΩ and R2 = 1 kΩ this results in a gain of 10 and OUT_VREF = 12.95 V an error will be
introduced of
−10 nA*9 kΩ = −90 μV. This error can be neglected. The simplified formula for calculating the
OUT_VREF is:
(2)
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com