Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8207MT/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM8207MT/NOPB
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8207MT/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM8207MT/NOPB Datasheet HTML 15Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 16Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 17Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 18Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 19Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 20Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 21Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 22Page - Texas Instruments LM8207MT/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
OUT_1
OUT_2
OUT_3
LM8207
COLUMN DRIVER
IOUT_1
IOUT_2
IOUT_3
V1
V2
V3
OUT_4
IOUT_4
V4
BY-PASS RESISTOR
RS
LM8207
www.ti.com
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
Figure 39. Using additional by-pass resistor to increase current sinking capability
GAMMA VOLTAGE ACCURACY
Adding buffers to the tabs of the gamma correction resistor chain will make the values more independent of the
load variations. Unfortunately, there are some other effects that will influence the gamma values. The following
effects determine the accuracy of each gamma voltage.
Major effects are:
•
Variation of the internal voltage reference. This can be found in the 16V Electrical Characteristics table. This
is the maximum variation between parts.
•
Variation of the feedback resistors used for setting the output voltage of the voltage reference (OUT_VREF).
Using high accuracy resistors will result in a small variation of the output voltage between different boards
•
The accuracy of the resistors obtained from the gamma correction voltage curve. The gamma correction
curve will be affected by the accuracy of the resistors. This will vary over different boards. Temperature
variations will not affect this curve.
•
Output offset voltage (VOS) of the buffers. Variations of VOS (output offset voltage) of the buffers, will affect the
gamma correction curve. The contribution of VOS is higher for the buffers driving the lower gamma voltages.
Minor effects are:
•
Input current (IBIAS) of the gamma buffers. Variations of the input current (IBIAS) of the gamma buffers caused
by temperature changes, will affect the gamma correction voltages.
VCOM BUFFER
The VCOM buffer supplies a common voltage to the back plate of all the pixels in a TFT panel. When column
drivers write to the pixels, current pulses will occur onto the VCOM line. These pulses are the result of charging
the capacitance between VCOM and the column lines. This capacitance is a combination of stray capacitance and
pixel capacitance. This stray capacitance varies between panel sizes but typically ranges from 16 pF to 33 pF
per column. Pixel capacitance is in the order of 0.5 pF and contributes very little to these pulses because only
one pixel at a time is connected to a column. Charging this capacitance can result in short positive or negative
current pulses of 100 mA or more, depending on the panel size. The VCOM buffer is designed to handle these
pulses. A VCOM buffer is basically a voltage regulator that can sink or source current in large capacitive loads.
The VCOM buffer should recover very fast from these disturbances. The operating voltage of the VCOM buffer is in
the middle of the gamma voltage range.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com