Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP119RHHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP119RHHT
Description  DisplayPort 1:1 Signal Repeater and Signal Conditioner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP119RHHT Datasheet(HTML) 2 Page - Texas Instruments

  SN75DP119RHHT Datasheet HTML 1Page - Texas Instruments SN75DP119RHHT Datasheet HTML 2Page - Texas Instruments SN75DP119RHHT Datasheet HTML 3Page - Texas Instruments SN75DP119RHHT Datasheet HTML 4Page - Texas Instruments SN75DP119RHHT Datasheet HTML 5Page - Texas Instruments SN75DP119RHHT Datasheet HTML 6Page - Texas Instruments SN75DP119RHHT Datasheet HTML 7Page - Texas Instruments SN75DP119RHHT Datasheet HTML 8Page - Texas Instruments SN75DP119RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN75DP119
SLLSE12A – NOVEMBER 2009 – REVISED JULY 2014
www.ti.com
Table of Contents
9.1
Overview ................................................................. 11
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
9.3
Feature Description................................................. 12
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 13
4
Revision History..................................................... 2
10
Application and Implementation........................ 14
5
Description (continued)......................................... 2
10.1
Application Information.......................................... 14
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ............................................... 14
7
Specifications......................................................... 5
11
Power Supply Recommendations ..................... 16
7.1
Absolute Maximum Ratings ...................................... 5
12
Layout................................................................... 16
7.2
Handling Ratings....................................................... 5
12.1
Layout Guidelines ................................................. 16
7.3
Recommended Operating Conditions ....................... 5
12.2
Layout Example .................................................... 16
7.4
Thermal Information .................................................. 6
13
Device and Documentation Support ................. 17
7.5
Electrical Characteristics........................................... 6
13.1
Trademarks ........................................................... 17
7.6
Switching Characteristics .......................................... 7
13.2
Electrostatic Discharge Caution ............................ 17
7.7
Typical Characteristics .............................................. 8
13.3
Glossary ................................................................ 17
8
Parameter Measurement Information .................. 8
14
Mechanical, Packaging, and Orderable
9
Detailed Description ............................................ 11
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2009) to Revision A
Page
•
Changed the data sheet to the new TI standard format ........................................................................................................ 1
•
Changed Feature From: Temperature Range: 0..85°C To: Temperature Range: –40 to 85°C ............................................. 1
•
Changed the Description text From: "extended operational temperature range from 0°C to 85°C." To: "extended
operational temperature range from –40°C to 85°C." ............................................................................................................ 2
•
Added the Handling Ratings table .......................................................................................................................................... 5
•
Changed the Operating free-air temperature MIN value in the ROC table From: 0 To –40 .................................................. 5
•
Added the Thermal Information table ..................................................................................................................................... 6
5 Description (continued)
The device is characterized for an extended operational temperature range from –40°C to 85°C.
The SN75DP119 consumes between 64mW and 175mW depending on the selected mode of operation. The
device also supports an ultra low power standby mode. In this mode, the outputs are disabled and the device
draws less then 700µW of power.
2
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: SN75DP119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com