| Electronic Components Datasheet Search |
|
SN75DP119RHHT Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN75DP119RHHT Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() ShutDown Mode EN=high Powerup EN=low 2-channel Active Mode EN=low Powerup EN=high 1-channel Active Mode EN=high EN=Vcc/2 EN=low EN=Vcc/2 Powerup EN=Vcc/2 SN75DP119 www.ti.com SLLSE12A – NOVEMBER 2009 – REVISED JULY 2014 9.4 Device Functional Modes 9.4.1 Status Detect and Operating Modes Flow Diagram The SN75DP119 switches between the power saving and the active modes in the following way: Figure 8. SN75DP119 Operational Modes Flow Chart Table 2. Description of SN75DP119 Modes MODE CHARACTERISTICS CONDITIONS ShutDown Mode Least amount of power consumption (all circuitry turned off); outputs are high- EN is low impedance Data transfer (normal operation); The device outputs OUTx represents the data EN is high 2- channel Active received on the input INx. The input EQ and output pre-emphasis and output swing (both main link outputs Mode voltage level are controlled through the external control pins. enabled) Data transfer (normal operation); The device output OUT0 represents the data EN is VCC/2 1-channel Active received on the input IN0. The 2nd channel (IN1 and OUT1) are disabled. The input (only main link channel 0 Mode EQ and output pre-emphasis and output swing voltage level are controlled through enabled) the external control pins. Copyright © 2009–2014, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: SN75DP119 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |