Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761677DA Datasheet(PDF) 5 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 5 Page - Texas Instruments

  SN761677DA Datasheet HTML 1Page - Texas Instruments SN761677DA Datasheet HTML 2Page - Texas Instruments SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
5
ELECTRICAL CHARACTERISTICS
VCC = 5 V, TA = –25°C, measured in reference measurement circuit at 50-Ω system, IF filter characteristics: fpeak = 43 MHz; (unless otherwise
noted)(1)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
MIXER, OSCILLATOR, IF AMPLIFIER
Gc1
Conversion gain (mixer IF amplifier) VHF low
Fin = 58 MHz(1)
23
26
29
dB
Gc3
Conversion gain (mixer~IF amplifier) VHF low
Fin = 130 MHz
23
26
29
dB
Gc4
Conversion gain (mixer IF amplifier) VHF high
Fin = 136 MHz(1)
23
26
29
dB
Gc6
Conversion gain (mixer~IF amplifier) VHF high
Fin = 364 MHz
23
26
29
dB
Gc7
Conversion gain (mixer IF amplifier) VHF UHF
Fin = 370 MHz(1)
24
27
30
dB
Gc9
Conversion gain (mixer~IF amplifier) VHF–UHF
Fin = 804 MHz
24
27
30
dB
NF1
Noise figure VHF low
Fin = 55.25 MHz
11
dB
NF3
Noise figure VHF low
Fin = 127.25 MHz
11
dB
NF4
Noise figure VHF high
Fin = 133.25 MHz
11
dB
NF6
Noise figure VHF high
Fin = 361.25 MHz
11
dB
NF7
Noise figure UHF
Fin = 367.25 MHz
10
dB
NF9
Noise figure UHF
Fin = 801.25 MHz
11
dB
CM1
1% cross modulation distortion VHF low
Fin = 55.25 MHz(2)
89
dB V
CM3
1% cross modulation distortion VHF low
Fin = 127.25 MHz
89
dB
µV
CM4
1% cross modulation distortion VHF high
Fin = 133.25 MHz(2)
86
dB V
CM6
1% cross modulation distortion VHF high
Fin = 361.25 MHz
86
dB
µV
CM7
1% cross modulation distortion UHF
Fin = 367.25 MHz(2)
87
dB V
CM9
1% cross modulation distortion UHF
Fin = 801.25 MHz
86
dB
µV
VO(IF1)
IF output voltage VHF low
Fin = 55.25 MHz(3)
117
dB V
VO(IF3)
IF output voltage VHF low
Fin = 127.25 MHz
117
dB
µV
VO(IF4)
IF output voltage VHF high
Fin = 133.25 MHz(3)
117
dB V
VO(IF6)
IF output voltage VHF high
Fin = 361.25 MHz
117
dB
µV
VO(IF7)
IF output voltage UHF
Fin = 367.25 MHz(3)
117
dB V
VO(IF9)
IF output voltage UHF
Fin = 801.25 MHz
117
dB
µV
(1) IF = 43 MHz, RF input level = 80 dB
µV
(2) Fundes = Fdes ± 6 MHz, pin = 80 dBµV, AM 1 kHz, 30%, DES/CM = S/I = 46 dB
(3) IF = 45.75 MHztop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com