Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761677DA Datasheet(PDF) 8 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments SN761677DA Datasheet HTML 10Page - Texas Instruments SN761677DA Datasheet HTML 11Page - Texas Instruments SN761677DA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
8
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
CP
14
Charge pump output
15
VDC1
VTU
15
Tuning voltage amplifier output
14
TUVCC
16
Supply voltage for DC/DC converter: 5 V
14
TUGND
17
DC/DC converter ground
VDC
18
DC/DC converter monitor output. (Do not connect to
other terminals or circuits except for the capacitor.)
18
VDC1
XTAL
19
4-MHz crystal oscillator input
16
P8
20
Port 8 output (NPN open collector)
20
P7
21
Port 7 output (NPN open collector)
25
21
P6
25
Port 6 output (NPN open collector)
25
27
P5
27
Port 5 output (NPN open collector)
27
SCL
22
I2C serial clock input
SDA
23
I2C serial data input/output
22
24
23
AS
24
I2C address set input
ADC/TEST
26
ADC input / test output
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com