Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761677DA Datasheet(PDF) 1 Page - Texas Instruments

Part # SN761677DA
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761677DA Datasheet(HTML) 1 Page - Texas Instruments

  SN761677DA Datasheet HTML 1Page - Texas Instruments SN761677DA Datasheet HTML 2Page - Texas Instruments SN761677DA Datasheet HTML 3Page - Texas Instruments SN761677DA Datasheet HTML 4Page - Texas Instruments SN761677DA Datasheet HTML 5Page - Texas Instruments SN761677DA Datasheet HTML 6Page - Texas Instruments SN761677DA Datasheet HTML 7Page - Texas Instruments SN761677DA Datasheet HTML 8Page - Texas Instruments SN761677DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN761677
SLES066A – DECEMBER 2002
TV/VCR TUNER IC WITH DC/DC CONVERTER
FEATURES
D Single Chip Mixer/Oscillator, Synthesizer, and
30-V DC/DC Converter for Tuning Amplifier
D VHF-L, VHF-H, UHF 3-Band Local Oscillator
D I2C Bus Protocol
D Four Data Bytes Transmission
D Low Noise DC/DC Converter
D 4ch NPN Emitter Follower Type Band Switch
Drivers
D 4ch NPN Open Collector Type Ports
D Programmable Reference Divider Ratio
(31.25 kHz, 50 kHz, or 62 kHz)
D 5-V Power Supply
D 38-Pin TSSOP Package
DESCRIPTION
The SN761677 is a single-chip synthesized tuner IC
designed for TV/VCR tuning systems. The circuit consists
of a PLL synthesizer, 3-band local oscillators and mixer,
30-V dc/dc converter for tuning the amplifier, four NPN
emitter follower band drivers, four NPN open collector
ports, and is available in a small package outline. The
15-bit programmable counter and reference divider are
controlled by I2C bus control. Tuning step frequency is
selectable by the reference divider ratio for a 4-MHz Xtal
oscillator.
BS4
P5
BS1
SDA
BS2
MIX OUT1
MIX OUT2
VHF RF IN1
UHF RF IN2
VHF RF IN2
BS3
ADC/TEST
VTU
VCC
RF GND
VHI OSC B
VLO OSC B
OSC GND
VHI OSC C
UHF OSC B1
UHF OSC C1
UHF OSC C2
UHF OSC B2
IF GND
IF OUT1
IF OUT2
CP
AS
TUVCC(5V)
P6
VLO OSC C
UHF RF IN1
15
13
4
1
3
5
6
7
8
9
10
11
12
14
16
2
24
26
35
38
36
34
33
32
31
30
29
28
27
25
23
37
P8
P7
XTAL
18
19
21
20
SCL
TUGND
17
22
DA PACKAGE (TOP VIEW)
38-PIN TSSOP (DA)
VDC(DC/DCout)
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - SN761677DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761677 TI-SN761677 Datasheet
213Kb / 18P
TV/VCR TUNER IC WITH DC/DC CONVERTER
More results

Similar Description - SN761677DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761677 TI-SN761677 Datasheet
213Kb / 18P
TV/VCR TUNER IC WITH DC/DC CONVERTER
SN761672A TI-SN761672A Datasheet
268Kb / 18P
TV/VCR TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
TV TUNER IC
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
TV/VCR TUNER
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
TV/VCR TUNER IC
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
TV/VCR TUNER
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com