| Electronic Components Datasheet Search |
|
TMS320C31PQL Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 41 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 general-purpose I/O timing Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The contents of the internal control registers associated with each peripheral define the modes for these pins. peripheral pin I/O timing The table, timing parameters for peripheral pin general-purpose I/O, defines peripheral pin general-purpose I/O timing parameters. The numbers shown in Figure 28 correspond with those in the NO. column of the table below. timing parameters for peripheral pin general-purpose I/O (see Note 8 and Figure 28) NO. LC31-33 ’C31-40 ’LC31-40 ’C31-50 ’C31-60 ’C31-80 UNIT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 81 tsu(GPIO-H1L) Setup time, general-purpose input before H1 low 12 10 9 8 7 ns 82 th(H1L-GPIO) Hold time, general-purpose input after H1 low 0 0 0 0 0 ns 83 td(H1H-GPIO) Delay time, general-purpose output after H1 high 15 13 10 8 6 ns NOTE 8: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents of internal-control registers associated with each peripheral. Peripheral Pin (see Note A) H1 H3 83 83 81 82 NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. Figure 28. Timing for Peripheral Pin General-Purpose I/O |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |