Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C31PQL Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 5Page - Texas Instruments TMS320C31PQL Datasheet HTML 6Page - Texas Instruments TMS320C31PQL Datasheet HTML 7Page - Texas Instruments TMS320C31PQL Datasheet HTML 8Page - Texas Instruments TMS320C31PQL Datasheet HTML 9Page - Texas Instruments TMS320C31PQL Datasheet HTML 10Page - Texas Instruments TMS320C31PQL Datasheet HTML 11Page - Texas Instruments TMS320C31PQL Datasheet HTML 12Page - Texas Instruments TMS320C31PQL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map (continued)
Reset
00h
INT0
809FC1h
INT1
01h
INT1
809FC2h
INT2
02h
INT2
809FC3h
INT3
03h
INT3
809FC4h
XINT0
04h
XINT0
809FC5h
RINT0
06h
RINT0
809FC6h
Reserved
07h
Reserved
809FC7h
809FC8h
08h
TINT0
09h
TINT0
809FC9h
TINT1
0Ah
TINT1
809FCAh
DINT
0Bh
DINT
809FCBh
Reserved
0Ch
Reserved
809FDFh
1Fh
809FCCh
TRAP 0
20h
TRAP 0
809FE0h
TRAP 27
3Bh
TRAP 27
809FFBh
Reserved
3Ch
Reserved
809FFFh
3Fh
809FFCh
(a) Microprocessor Mode
(b) Microcomputer / Boot-Loader Mode
INT0
05h
Figure 2. Reset, Interrupt, and Trap Vector/Branches Memory-Map Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com