| Electronic Components Datasheet Search |
|
TMS320C31PQL Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C31PQL Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 42 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 changing the peripheral pin I/O modes The following tables show the timing parameters for changing the peripheral pin from a general-purpose output pin to a general-purpose input pin and vice versa. The numbers shown in Figure 29 and Figure 30 correspond to those shown in the NO. column of the tables below. timing parameters for peripheral pin changing from general-purpose output to input mode (see Note 8 and Figure 29) NO. ’LC31-33 ’C31-40 ’LC31-40 ’C31-50 ’C31-60 ’C31-80 UNIT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX 84 th(H1H) Hold time, peripheral pin after H1 high 15 13 10 8 6 ns 85 tsu(GPIO-H1L) Setup time, peripheral pin before H1 low 10 9 9 8 7 ns 86 th(H1L-GPIO) Hold time, peripheral pin after H1 low 0 0 0 0 0 ns NOTE 8: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents of internal-control registers associated with each peripheral. 86 85 84 Value on Pin Seen in Peripheral- Control Register Synchronizer Delay Buffers Go From Output to Input Execution of Store of Peripheral- Control Register Data Bit Peripheral Pin (see Note A) I/O Control Bit H1 H3 Output Data Seen Data Sampled NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. Figure 29. Timing for Change of Peripheral Pin From General-Purpose Output to Input Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |