Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012WGLLQMLV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012WGLLQMLV
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012WGLLQMLV Datasheet(HTML) 3 Page - Texas Instruments

  LMP2012WGLLQMLV Datasheet HTML 1Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 2Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 3Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 4Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 5Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 6Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 7Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 8Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
LMP2012 Electrical Characteristics 2.7V DC Parameters
The following conditions apply, unless otherwise specified.
V
+ = 2.7V, V-= 0V, V
CM = 1.35V, VO = 1.35V and RL > 1 MΩ.
Sub-
Symbol
Parameter
Conditions
Notes
Typ(1)
Min
Max
Units
groups
VIO
0.8
36
1
Input Offset Voltage
μV
60
2, 3
0.5
10
1
Offset Calibration Time
ms
12
2, 3
TCVIO
Input Offset Voltage
0.015
µV/°C
(Temperature Sensitivity)
IIB
Input Bias Current
−3
pA
IIO
Input Offset Current
6
pA
CMRR
Common Mode Rejection Ratio
−0.3 ≤ VCM ≤ 0.9V
130
95
1
dB
0
≤ VCM ≤ 0.9V
90
2, 3
PSRR
Power Supply Rejection Ratio
120
95
1
dB
90
2, 3
AVOL
Open Loop Voltage Gain
130
95
1
RL = 10 kΩ
90
2, 3
dB
124
90
1
RL = 2 kΩ
85
2, 3
VO
Output Swing
2.68
2.64
1
2.63
2, 3
RL = 10 kΩ to 1.35V
V
VIN(diff) = ±0.5V
0.033
0.060
1
0.075
2,3
2.65
2.615
1
2.6
2, 3
RL = 2 kΩ to 1.35V
V
VIN(diff) = ±0.5V
0.061
0.085
1
0.105
2, 3
IO
Output Current
12
5
1
Sourcing, VO = 0V
VIN(diff) = ±0.5V
3
2, 3
mA
18
5
1
Sinking, VO = 5V
VIN(diff) = ±0.5V
3
2, 3
IS
0.919
1.20
1
Supply Current per Channel
mA
1.50
2, 3
(1)
Typical values represent the most likely parametric norm.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com