Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012WGLLQMLV Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012WGLLQMLV
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012WGLLQMLV Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP2012WGLLQMLV Datasheet HTML 5Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 6Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 7Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 8Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 9Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 10Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 11Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 12Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LMP2012QML
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
www.ti.com
ELDRS-FREE PRODUCTS
ELDRS-Free products are tested and qualified on a wafer level basis at a dose rate of 10 mrad(Si)/s per MIL-
STD-883G, Test Method 1019.7, Condition D. Wafer level low dose rate test data are available with lot
shipments.
SINGLE EVENT UPSET
A report on single event upset (SEU) is available upon request.
Revision History
Date Released
Revision
Section
Changes
03/19/07
A
Initial Release
Initial Release
10/17/08
B
Electrical Section
Added typical parameters to 2.7V and 5V AC
Electrical Sections. Revision A will be Archived.
07/13/09
C
2.7V DC and 5V DC Electrical Section
Added typical parameter TCVOS to 2.7V DC and 5V
DC Electrical Section. Revision B will be Archived.
12/08/09
D
Features, Ordering Information and Notes
Reference to ELDRS, New ELDRS part number and
added ELDRS Note 6. Revision C will be Archived.
06/08/2010
E
General Description, 2.7V DC and 5V DC
Removed first line. Added Delta Table to Electrical's
Electrical Section added New Radiation
to match what is in the SMD and New Radiation
Section.
Section. Revision D will be Archived.
11/30/2010
F
AC Electrical 5V parameter table conditions
Correct typo to unless otherwise specified parameters
From: V+ = 2.7V, V -= 0V, VCM = 1.35V, VO = 1.35V,
and RL > 1 MΩ. To: V
+ = 5V, V -= 0V, V
CM = 2.5V, VO
= 2.5V, and RL > 1 MΩ. Revision E will be Archived.
04/02/2013
H
All
Changed layout of National Data Sheet to TI format
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com