Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012WGLLQMLV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012WGLLQMLV
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012WGLLQMLV Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP2012WGLLQMLV Datasheet HTML 3Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 4Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 5Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 6Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 7Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 8Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 9Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 10Page - Texas Instruments LMP2012WGLLQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
APPLICATION INFORMATION
THE BENEFITS OF LMP2012 NO 1/f NOISE
Using patented methods, the LMP2012 eliminates the 1/f noise present in other amplifiers. That noise, which
increases as frequency decreases, is a major source of measurement error in all DC-coupled measurements.
Low-frequency noise appears as a constantly-changing signal in series with any measurement being made. As a
result, even when the measurement is made rapidly, this constantly-changing noise signal will corrupt the result.
The value of this noise signal can be surprisingly large. For example: If a conventional amplifier has a flat-band
noise level of 10nV/
√Hz and a noise corner of 10 Hz, the RMS noise at 0.001 Hz is 1µV/√Hz. This is equivalent
to a 0.50 µV peak-to-peak error, in the frequency range 0.001 Hz to 1.0 Hz. In a circuit with a gain of 1000, this
produces a 0.50 mV peak-to-peak output error. This number of 0.001 Hz might appear unreasonably low, but
when a data acquisition system is operating for 17 minutes, it has been on long enough to include this error. In
this same time, the LMP2012 will only have a 0.21 mV output error. This is smaller by 2.4 x. Keep in mind that
this 1/f error gets even larger at lower frequencies. At the extreme, many people try to reduce this error by
integrating or taking several samples of the same signal. This is also doomed to failure because the 1/f nature of
this noise means that taking longer samples just moves the measurement into lower frequencies where the noise
level is even higher.
The LMP2012 eliminates this source of error. The noise level is constant with frequency so that reducing the
bandwidth reduces the errors caused by noise.
OVERLOAD RECOVERY
The LMP2012 recovers from input overload much faster than most chopper-stabilized op amps. Recovery from
driving the amplifier to 2X the full scale output, only requires about 40 ms. Many chopper-stabilized amplifiers will
take from 250 ms to several seconds to recover from this same overload. This is because large capacitors are
used to store the unadjusted offset voltage.
Figure 2.
The wide bandwidth of the LMP2012 enhances performance when it is used as an amplifier to drive loads that
inject transients back into the output. ADCs (Analog-to-Digital Converters) and multiplexers are examples of this
type of load. To simulate this type of load, a pulse generator producing a 1V peak square wave was connected
to the output through a 10 pF capacitor. See Figure 2. The typical time for the output to recover to 1% of the
applied pulse is 80 ns. To recover to 0.1% requires 860ns. This rapid recovery is due to the wide bandwidth of
the output stage and large total GBW.
NO EXTERNAL CAPACITORS REQUIRED
The LMP2012 does not need external capacitors. This eliminates the problems caused by capacitor leakage and
dielectric absorption, which can cause delays of several seconds from turn-on until the amplifier's error has
settled.
MORE BENEFITS
The LMP2012 offers the benefits mentioned above and more. It has a rail-to-rail output and consumes only 950
µA of supply current while providing excellent DC and AC electrical performance. In DC performance, the
LMP2012 achieves 130 dB of CMRR, 120 dB of PSRR and 130 dB of open loop gain. In AC performance, the
LMP2012 provides 3 MHz of gain-bandwidth product and 4 V/µs of slew rate.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com