Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7718MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7718MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7718MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP7718MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SR
Slew Rate
AV = +10, Rising (10% to 90%)
32
V/
μs
AV = +10, Falling (90% to 10%)
24
GBW
Gain Bandwidth
AV = +10, RL = 10 kΩ
88
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
6.2
nV/
√Hz
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 600Ω
0.01
%
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com