Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7718MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7718MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7718MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7718MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
OUTPUT AMPLITUDE (VPP)
0.01
0.1
1
10
-90
-80
-70
-60
-50
-40
V
+ = 5V
f = 1 kHz
AV = +10
RL = 600:
RL = 100 k:
0.01
0.1
1
10
OUTPUT AMPLITUDE (VPP)
-80
-70
-60
-50
-40
V
+ = 2.5V
f = 1 kHz
AV = +10
RL = 100 k:
RL = 600:
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.01
0.02
0.03
0.04
0.05
V
+
= 2.5V
VO = 1 VPP
AV = +10
RL = 100 k:
RL = 600:
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.01
0.02
0.03
0.04
V
+
= 5V
VO = 4 VPP
AV = +10
RL = 600:
RL = 100 k:
0
20
40
60
80
100
120
CLOAD (pF)
0
10
20
30
40
50
60
70
US%
OS%
1 s/DIV
VS = ±2.5V
VCM = 0.0V
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
Overshoot and Undershoot
vs.
Time Domain Voltage Noise
CLOAD
Figure 30.
Figure 31.
THD+N
THD+N
vs.
vs.
Frequency
Frequency
Figure 32.
Figure 33.
THD+N
THD+N
vs.
vs.
Peak-to-Peak Output Voltage (VOUT)
Peak-to-Peak Output Voltage (VOUT)
Figure 34.
Figure 35.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com