Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7718MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7718MA/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7718MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7718MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7718MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0
1
2
3
4
VCM (V)
-3000
-2500
-2000
-1500
-1000
-500
0
500
1000
VS = 5V
25°C
-40°C
0
1
2
3
4
-50
50
VCM (V)
-40
-30
-20
-10
0
10
20
30
40
125°C
V
+
= 5V
85°C
-40 -20
0
20
40
60
80 100 120 125
-200
-150
-100
-50
0
150
TEMPERATURE (°C)
50
100
VS = 2.5V
VS = 5V
LMP7717
LMP7718
1.5
2.5
3.5
4.5
5.5
22
24
26
28
30
32
34
36
V
+
(V)
RISING EDGE
FALLING EDGE
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
-40°C
25°C
125°C
VS = 2.5V
25°C
-0.3
0.7
1.7
2.7
3.7
4.7
-200
-150
-100
-50
0
50
100
150
200
VCM (V)
-40°C
125°C
VS = 5V
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 12.
Figure 13.
Offset Voltage
Slew Rate
vs.
vs.
Temperature
Supply Voltage
Figure 14.
Figure 15.
Input Bias Current
vs.
Input Bias Current Over Temperature
VCM
Figure 16.
Figure 17.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com