Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83865 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 40Page - National Semiconductor (TI) DP83865 Datasheet HTML 41Page - National Semiconductor (TI) DP83865 Datasheet HTML 42Page - National Semiconductor (TI) DP83865 Datasheet HTML 43Page - National Semiconductor (TI) DP83865 Datasheet HTML 44Page - National Semiconductor (TI) DP83865 Datasheet HTML 45Page - National Semiconductor (TI) DP83865 Datasheet HTML 46Page - National Semiconductor (TI) DP83865 Datasheet HTML 47Page - National Semiconductor (TI) DP83865 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
www.national.com
44
3.0 Configuration (Continued)
3.4 Auto-Negotiation Register Set
The strapping option settings of Auto-Negotiation, speed,
and duplex capabilities that initialized during power-up or at
reset can be altered any time by writing to the BMCR 0x00,
ANAR 0x04 or, to 1KTCR 0x09.
When Auto-Negotiation is enabled, the DP83865 transmits
the abilities programmed in the ANAR 0x04, and 1KTCR
0x09 via FLP Bursts. The following combinations of
10 Mbps,100 Mbps, 1000 Mbps, Half Duplex, and Full
Duplex modes may be selected.
The Auto-Negotiation protocol compares the contents of
the ANLPAR (received from link partner) and ANAR regis-
ters (for 10/100 Mbps operation) and the contents of
1000BASE-T status and control registers, and uses the
results to automatically configure to the highest perfor-
mance protocol (i.e., the highest common denominator)
between the local and the link partner. The results of Auto-
Negotiation may be accessed in registers BMCR 0x00
(Duplex Status and Speed Status), and BMSR 0x01 (Auto-
Neg Complete, Remote Fault, Link).
The BMCR 0x00 provides control for enabling, disabling,
and restarting the Auto-Negotiation process.
The BMSR 0x01 indicates the set of available abilities for
technology types, Auto-Negotiation ability, and extended
register capability. These bits are permanently set to indi-
cate the full functionality of the DP83865. The BMSR also
provides status on:
— Auto-Negotiation is completed on bit 5
— The Link Partner is advertising that a remote fault has
occurred on bit 4
— A valid link has been established on bit 2
The ANAR 0x04 stores the capabilities advertised during
Auto-Negotiation. All available capabilities are transmitted
by default. However, the advertised capability can be sup-
pressed by writing to the ANAR. This is a commonly used
by a management agent to change (i.e., to force) the com-
munication technology.
The ANLPAR 0x05 is used to store the received base link
code word as well as all next page code words during the
negotiation that is transmitted from the link partner.
If Next Page is NOT being used, then the ANLPAR will
store the base link code word (link partner's abilities) and
retain this information from the time the page is received,
indicated by a ‘1’ in bit 1 of the ANER 0x06, through the
end of the negotiation and beyond.
During the next page exchange operation, the station man-
ager can not wait till the end of Auto-Negotiation to read
the ANLPAR because the register is used to store both the
base and next pages. The next page content overwrites the
base page content. The station manager needs to closely
monitor the negotiation status and to perform the following
tasks.
— ANER 0x06 bit 1 is ‘1’ indicates a page is received. Sta-
tion manage reads the base page information from
ANLPAR0x05 and stores the content in the memory.
— After reading the base page information, software needs
to write to ANNPTR 0x07 to load the next page informa-
tion to be sent.
— The operation can be implemented as polled or interrupt
driven. If another page is received by polling bit 1 in the
ANER 0x06 or by interrupt, the station manager reads bit
15 of the ANLPAR indicating the partner has more next
pages to send. If the partner has more pages to send,
ANNPTR needs to be written to load another next page.
The ANER 0x06 indicates additional Auto-Negotiation sta-
tus. The ANER provides status on:
— A Parallel Detect Fault has occurred (bit 4, ANER 0x06).
— The Link Partner supports the Next Page function (bit 3,
ANER 0x06).
— The DP83865 supports the Next Page function (bit 2,
ANER 0x06).
— The current page being exchanged by Auto-Negotiation
has been received (bit1, ANER 0x06).
— The Link Partner supports Auto-Negotiation (bit 0, ANER
0x06).
The ANNPTR 0x07 contains the next page code word to be
transmitted. See also Section “2.3 Register Description”
for details.
3.5 Auto-MDIX resolution
The GigPHYTER V can determine if a “straight” or “cross-
over” cable is used to connect to the link partner. It can
automatically re-assign channel A and B to establish link
with the link partner, (and channel C and D in 1000BASE-T
mode). Auto-MDIX resolution precedes the actual Auto-
Negotiation process that involves exchange of FLPs to
advertise capabilities. Automatic MDI/MDIX is described in
IEEE 802.3ab Clause 40, section 40.8.2. It is not a required
implementation for 10BASE-T and 100BASE-TX.
Table 38. Advertised Modes during Auto-Negotiation,
AN_EN = 1
SPEED1
SPEED0
DUPLEX
Adertised Modes
1
1
0
1000BASE-T HD, 10BASE-T HD
1
0
0
1000BASE-T HD
0
1
0
1000BASE-T HD, 100BASE-TX HD
0
0
0
1000BASE-T HD, 100BASE-TX HD,
10BASE-T HD
1
1
1
1000BASE-T FD, 10BASE-T FD
1
0
1
1000BASE-T FD
0
1
1
1000BASE-T FD, 100BASE-TX FD
0
0
1
1000BASE-T FD, 100BASE-TX FD,
10BASE-T FD
Table 39. PMA signal to MDI and MDIX pin-out
Contact
MDI
MDIX
1
MDI_A+
MDI_B+
2
MDI_A-
MDI_B-
3
MDI_B+
MDI_A+
4
MDI_C+
MDI_D+
5
MDI_C-
MDI_D-
6
MDI_B-
MDI_A-
7
MDI_D+
MDI_C+
8
MDI_D-
MDI_C-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com