Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83865 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 4Page - National Semiconductor (TI) DP83865 Datasheet HTML 5Page - National Semiconductor (TI) DP83865 Datasheet HTML 6Page - National Semiconductor (TI) DP83865 Datasheet HTML 7Page - National Semiconductor (TI) DP83865 Datasheet HTML 8Page - National Semiconductor (TI) DP83865 Datasheet HTML 9Page - National Semiconductor (TI) DP83865 Datasheet HTML 10Page - National Semiconductor (TI) DP83865 Datasheet HTML 11Page - National Semiconductor (TI) DP83865 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
www.national.com
8
1.0 Pin Description (Continued)
1.5 Clock Interface
1.6 Device Configuration and LED Interface
(See section “3.7 PHY Address, Strapping Options and LEDs” on page 45 and section “5.9 LED/Strapping Option” on
page 67.)
TCK
I
24
TEST CLOCK: IEEE 1149.1 Test Clock input, primary clock source for all test
logic input and output controlled by the testing entity.
This pin should be left floating if not used.
Signal Name
Type
PQFP
Pin #
Description
CLK_IN
I
86
CLOCK INPUT: 25 MHz oscillator or crystal input (50 ppm).
CLK_OUT
O
87
CLOCK OUTPUT: Second terminal for 25 MHz crystal. Must be left floating if
a clock oscillator is used.
CLK_TO_MAC
O
85
CLOCK TO MAC OUTPUT: This clock output can be used to drive the clock
input of a MAC or switch device. This output is available after power-up and is
active during all modes except during hardware or software reset. Note that the
clock frequency is selectable through CLK_MAC_FREQ between 25 MHz and
125 MHz.
To disable this clock output the MAC_CLK_EN_STRAP pin has to be tied low.
Signal Name
Type
PQFP
Pin #
Description
NON_IEEE_STRAP
I/O,
S, PD
1
NON IEEE COMPLIANT MODE ENABLE: This mode allows interoperability
with certain non IEEE compliant 1000BASE-T transceivers.
‘1’ enables IEEE compliant operation and non-compliant operation
‘0’ enables IEEE compliant operation but inhibits non-compliant operation
Note: The status of this bit is reflected in bit 10 of register 0x10. This pin also
sets the default for and can be overwritten by bit 9 of register 0x12.
MAN_MDIX_STRAP /
TX_TCLK
I/O,
S, PD
6
MANUAL MDIX SETTING: This pin sets the default for manual MDI/MDIX
configuration.
‘1’ PHY is manually set to cross-over mode (MDIX)
‘0’ PHY is manually set to straight mode (MDI)
Note: The status of this bit is reflected in bit 8 of register 0x10. This pin also
sets the default for and can be overwritten by bit 14 of register 0x12.
TX_TCLK: TX_TCLK is enabled by setting bit 7 of register 0x12. It is used to
measure jitter in Test Modes 2 and 3 as described in IEEE 802.3ab specifica-
tion. TX_TCLK should not be confused with the TX_CLK signal. See Table 12
on page 29 regarding Test Mode setting. This pin should be left floating if not
used.
Signal Name
Type
PQFP
PIn #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com