Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83865 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 3Page - National Semiconductor (TI) DP83865 Datasheet HTML 4Page - National Semiconductor (TI) DP83865 Datasheet HTML 5Page - National Semiconductor (TI) DP83865 Datasheet HTML 6Page - National Semiconductor (TI) DP83865 Datasheet HTML 7Page - National Semiconductor (TI) DP83865 Datasheet HTML 8Page - National Semiconductor (TI) DP83865 Datasheet HTML 9Page - National Semiconductor (TI) DP83865 Datasheet HTML 10Page - National Semiconductor (TI) DP83865 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
7
www.national.com
1.0 Pin Description (Continued)
1.2 Management Interface
1.3 Media Dependent Interface
1.4 JTAG Interface
Signal Name
Type
PQFP
Pin #
Description
MDC
I
81
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO serial man-
agement input/output data. This clock may be asynchronous to the MAC trans-
mit and receive clocks. The maximum clock rate is 2.5 MHz and no minimum.
MDIO
I/O
80
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal
that may be sourced by the management station or the PHY. This pin requires
a 2k
Ω pullup resistor.
INTERRUPT
O_Z,
PU
3
MANAGEMENT INTERRUPT: It is an active-low open drain output indicating
to the MAC layer or to a managment interface that an interrupt has requested.
The interrupt status can be read through the Interrupt Status Register. (See
section “3.15 Interrupt” on page 47.)
If used this pin requires a 2k
Ω pullup resistor. This pin is to be left floating if it
is not used.
Signal Name
Type
PQFP
PIn #
Description
MDIA_P
MDIA_N
MDIB_P
MDIB_N
MDIC_P
MDIC_N
MDID_P
MDID_N
I/O
108
109
114
115
120
121
126
127
Media Dependent Interface: Differential receive and transmit signals.
The TP Interface connects the DP83865 to the CAT-5 cable through a single
common magnetics transformer. These differential inputs and outputs are con-
figurable to 10BASE-T, 100BASE-TX or 1000BASE-T signalling:
The DP83865 will automatically configure the driver outputs for the proper sig-
nal type as a result of either forced configuration or Auto-Negotiation. The au-
tomatic MDI / MDIX configuration allows for transmit and receive channel
configuration and polarity configuration between channels A and B, and C and
D.
NOTE: During 10/100 Mbps operation only MDIA_P, MDIA_N, MDIB_P and
MDIB_N are active. MDIA_P and MDIA_N are transmitting only and MDIB_P
and MDIB_N are receiving only. (See section “3.5 Auto-MDIX resolution” on
page 44)
Signal Name
Type
PQFP
PIn #
Description
TRST
I, PD
32
TEST RESET: IEEE 1149.1 Test Reset pin, active low reset provides for asyn-
chronous reset of the Tap Controller. This reset has no effect on the device
registers.
This pin should be pulled down through a 2k
Ω resistor if not used.
TDI
I, PU
31
TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test data is scanned
into the device via TDI.
This pin should be left floating if not used.
TDO
O
28
TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin, the most recent
test results are scanned out of the device via TDO.
This pin should be left floating if not used.
TMS
I, PU
27
TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin, the TMS pin se-
quences the Tap Controller (16-state FSM) to select the desired test instruc-
tion.
This pin should be left floating if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com