Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC920FDH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
14 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.
Functional description
Remark: Please refer to the
P89LPC920/921/922 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P89LPC920/921/922 uses an enhanced 80C51 CPU which runs at 6 times the
speed of standard 80C51 devices. A machine cycle consists of two CPU clock cycles,
and most instructions execute in one or two machine cycles.
8.2 Clocks
8.2.1
Clock definitions
The P89LPC920/921/922 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four
clock sources (see Figure 5) and can also be optionally divided to a slower frequency
(see Section 8.7 “CPU Clock (CCLK) modification: DIVM register”).
Note: fOSC is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK/2
8.2.2
CPU clock (OSCCLK)
The P89LPC920/921/922 provides several user-selectable oscillator options in
generating the CPU clock. This allows optimization for a range of needs from high
precision to lowest possible cost. These options are configured when the FLASH is
programmed and include an on-chip watchdog oscillator, an on-chip RC oscillator, an
oscillator using an external crystal, or an external clock source. The crystal oscillator
can be optimized for low, medium, or high frequency crystals covering a range from
20 kHz to 12 MHz.
8.2.3
Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
8.2.4
Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.2.5
High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 12 MHz. Ceramic
resonators are also supported in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com