Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC920FDH Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
34 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Limiting values
[1]
Stresses above those listed under Table 7 “Limiting values” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in Table 8 “DC electrical characteristics” and
Table 9 “AC characteristics” of this specification are not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
[3]
Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
Table 7:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
operating bias ambient temperature
−55
+125
°C
Tstg
storage temperature range
−65
+150
°C
Vxtal
voltage on XTAL1, XTAL2 pin to VSS
-VDD + 0.5
V
Vn
voltage on any other pin to VSS
−0.5
+5.5
V
IOH(I/O)
HIGH-level output current per I/O pin
-
8
mA
IOL(I/O)
LOW-level output current per I/O pin
-
20
mA
II/O(tot)(max)
maximum total I/O current
-
80
mA
Ptot(pack)
total power dissipation per package
based on package heat
transfer, not device power
consumption
-
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com