Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC920FDH Datasheet(PDF) 23 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
23 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.16.1
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. In this mode, the Timer register is configured
as a 13-bit register. Mode 0 operation is the same for Timer 0 and Timer 1.
8.16.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register are used.
8.16.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter with automatic reload.
Mode 2 operation is the same for Timer 0 and Timer 1.
8.16.4
Mode 3
When Timer 1 is in Mode 3 it is stopped. Timer 0 in Mode 3 forms two separate 8-bit
counters and is provided for applications that require an extra 8-bit timer. When
Timer 1 is in Mode 3 it can still be used by the serial port as a baud rate generator.
8.16.5
Mode 6
In this mode, the corresponding timer can be changed to a PWM with a full period of
256 timer clocks.
8.16.6
Timer overflow toggle output
Timers 0 and 1 can be configured to automatically toggle a port output whenever a
timer overflow occurs. The same device pins that are used for the T0 and T1 count
inputs are also used for the timer toggle outputs. The port outputs will be a logic 1
prior to the first timer overflow when this mode is turned on.
8.17 Real-Time clock/system timer
The P89LPC920/921/922 has a simple Real-Time clock that allows a user to continue
running an accurate timer while the rest of the device is powered-down. The
Real-Time clock can be a wake-up or an interrupt source. The Real-Time clock is a
23-bit down counter comprised of a 7-bit prescaler and a 16-bit loadable down
counter. When it reaches all ‘0’s, the counter will be reloaded again and the RTCF
flag will be set. The clock source for this counter can be either the CPU clock (CCLK)
or the XTAL oscillator, provided that the XTAL oscillator is not being used as the CPU
clock. If the XTAL oscillator is used as the CPU clock, then the RTC will use CCLK as
its clock source. Only power-on reset will reset the Real-Time clock and its
associated SFRs to the default state.
8.18 UART
The P89LPC920/921/922 has an enhanced UART that is compatible with the
conventional 80C51 UART except that Timer 2 overflow cannot be used as a baud
rate source. The P89LPC920/921/922 does include an independent Baud Rate
Generator. The baud rate can be selected from the oscillator (divided by a constant),
Timer 1 overflow, or the independent Baud Rate Generator. In addition to the baud
rate generation, enhancements over the standard 80C51 UART include Framing
Error detection, automatic address recognition, selectable double buffering and
several interrupt options.The UART can be operated in 4 modes: shift register, 8-bit
UART, 9-bit UART, and CPU clock/32 or CPU clock/16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com