Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLCD1 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 76Page - STMicroelectronics ST7FLCD1 Datasheet HTML 77Page - STMicroelectronics ST7FLCD1 Datasheet HTML 78Page - STMicroelectronics ST7FLCD1 Datasheet HTML 79Page - STMicroelectronics ST7FLCD1 Datasheet HTML 80Page - STMicroelectronics ST7FLCD1 Datasheet HTML 81Page - STMicroelectronics ST7FLCD1 Datasheet HTML 82Page - STMicroelectronics ST7FLCD1 Datasheet HTML 83Page - STMicroelectronics ST7FLCD1 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
8-bit Timer with External Trigger (TIMB)
ST7FLCD1
80/95
14
8-bit Timer with External Trigger (TIMB)
14.1
Introduction
Timer B is an 8 bit-programmable free-running downcounter, driven by a programmable prescaler.
An external signal can also trigger the countdown. The Timer B block diagram is shown in
Figure 42.
14.2
Main Features
Programmable Prescaler: fCPU divided by 1, 8 or 16
Overflow status flag and maskable interrupt
Auto reload capability
An external signal with programmable polarity can trigger the count-down
14.3
Functional Description
The 8 bit-downcounter timer counts from a start value down to 00h. The start value is preloaded
from the associated 8-bit TIMCPRB register every time it is written, or when the counter has
reached the 00h value (Auto Reload feature) if the TAR bit is set. The OVF flag is set when the
downcounter reaches 00h. An interrupt is generated if the OVFE bit is set.
When the EXT bit is set, an external signal edge triggers the countdown start. The EDG bit controls
the rising or falling signal edge. Once detected, the selected edge sets the EEF flag, preloads the
downcounter with the start value and starts the countdown as usual.
During the countdown, the downcounter cannot be retriggered and subsequent pulses occurring
after the countdown has started are ignored until the counter reaches 00h.
Figure 42: External Timer Block Diagram
8-bit downcounter
Prescaler
OVF
OVFE
OVF interrupt request
TIMCSRB
TAR
1 / 8 / 16
TB1
TB0
EXT
EDG
EEF
Preload register
8
TIMCPRB
Auto reload
EXTRIG
Interrupt
EDG
EEF
EXT
Control Logic
f
TIMER
fCPU
Fixed
Prescaler
% 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com