Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLCD1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 18Page - STMicroelectronics ST7FLCD1 Datasheet HTML 19Page - STMicroelectronics ST7FLCD1 Datasheet HTML 20Page - STMicroelectronics ST7FLCD1 Datasheet HTML 21Page - STMicroelectronics ST7FLCD1 Datasheet HTML 22Page - STMicroelectronics ST7FLCD1 Datasheet HTML 23Page - STMicroelectronics ST7FLCD1 Datasheet HTML 24Page - STMicroelectronics ST7FLCD1 Datasheet HTML 25Page - STMicroelectronics ST7FLCD1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
Reset
ST7FLCD1
22/95
3
Reset
The Reset procedure provides an orderly software start-up or is used to exit Low Power modes.
Three reset modes are provided:
1. Low Voltage Detector reset,
2. Watchdog or Illegal Opcode Access reset,
3. External Reset using the RESET pin.
At reset, the reset vector is fetched from addresses FFFEh and FFFFh and loaded into the PC (the
program is executed starting at this point).
Internal circuitry provides a 4096 CPU clock cycle delay as soon as the oscillator becomes active.
3.1
Low Voltage Detector and Watchdog Reset
The Low Voltage Detector generates a reset when:
VDD is above VTRM,
VDD is below VTRH when VDD is rising,
VDD is below VTRL when VDD is falling (Figure 7)
Note:
Typical hysteresis (VTRH-VTRL) of 50 mV.
This circuitry is active only when VDD is higher than VTRM.
During the Low Voltage Detector reset, the RESET pin is held low, permitting the MCU to reset
other devices.
During a Watchdog reset, the RESET pin is pulled low permitting the MCU to reset other devices as
during a Low Voltage reset (Figure 8). The reset cycle is pulled low for 500 ns (typical).
Figure 7: Low Voltage Detector
RESET
VTRM
VDD
VTRH
VTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com