Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLCD1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7FLCD1
Description  8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLCD1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7FLCD1 Datasheet HTML 39Page - STMicroelectronics ST7FLCD1 Datasheet HTML 40Page - STMicroelectronics ST7FLCD1 Datasheet HTML 41Page - STMicroelectronics ST7FLCD1 Datasheet HTML 42Page - STMicroelectronics ST7FLCD1 Datasheet HTML 43Page - STMicroelectronics ST7FLCD1 Datasheet HTML 44Page - STMicroelectronics ST7FLCD1 Datasheet HTML 45Page - STMicroelectronics ST7FLCD1 Datasheet HTML 46Page - STMicroelectronics ST7FLCD1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
43/95
ST7FLCD1
PWM Generator
8
PWM Generator
8.1
Introduction
This PWM on-chip peripheral consists of two blocks, each one with its own 8-bit auto-reload
counter.
The first block (Block A) outputs up to 4 separate PWM signals at the same frequency. The second
block (Block B) outputs up to 2 separate PWM signals at another frequency.
Each PWM output may be enabled or disabled independently of the other. The polarity of each
PWM output may also be independently set.
8.2
Main Features
2 distinct programmable frequencies between 31.250 kHz and 8 MHz.
Resolution: tCPU
8.3
Functional Description
The free-running 8-bit counter is fed by the CPU clock and increments on every rising edge of the
clock signal.
When a counter overflow occurs, the counter is automatically reloaded with the contents of the ARR
register.
Each PWMx output signal can be enabled independently using the corresponding OEx bit in the
PWM control register (PWMCR). When this bit is set, the corresponding I/O is configured as an
output push-pull alternate function.
PWM[3:0] all have the same frequency which is controlled by counter period A and the ARRA
register value.
fPWMA = fCOUNTERA / (256-ARRA)
PWM[5:4] all have the same frequency which is controlled by counter period B and the ARRB
register value.
fPWMB = fCOUNTERB / (256-ARRB)
When a counter overflow occurs, the PWMx pin level is toggled depending on the corresponding
OPx (output polarity) bit in the PWMCR register. When the counter reaches the value contained in
one of the Duty Cycle registers (DCRIx), the corresponding PWMx pin level is restored.
This DCRIx register can not be accessed directly, it is loaded from the Duty Cycle register (DCRx)
at each overflow of the counter. This double buffering method prevents glitch generation when
changing the duty cycle on the fly.
Note that the reload values will also affect the value and the resolution of the duty cycle of the PWM
output signal. To obtain a signal on a PWMx pin, the contents of the DCRx register must be greater
than or equal to the contents of the ARR register. The maximum available resolution for duty cycle
is 1/(256-ARR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com