Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022IPWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS6022IPWPR
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6022IPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS6022IPWPR Datasheet HTML 23Page - Texas Instruments THS6022IPWPR Datasheet HTML 24Page - Texas Instruments THS6022IPWPR Datasheet HTML 25Page - Texas Instruments THS6022IPWPR Datasheet HTML 26Page - Texas Instruments THS6022IPWPR Datasheet HTML 27Page - Texas Instruments THS6022IPWPR Datasheet HTML 28Page - Texas Instruments THS6022IPWPR Datasheet HTML 29Page - Texas Instruments THS6022IPWPR Datasheet HTML 30Page - Texas Instruments THS6022IPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
www.ti.com
t − Time − ns
4
−4
0
−8
12
8
0
30
20
10
40
50
70
60
80
90
100
16
−12
−16
G048
SR
≅ 1300 V/µs
VCC = ±15 V
Gain = 5
RF = 1 kΩ
RL = 50 Ω
tr/tf = 10 ns
t − Time − ns
4
−4
0
−8
12
8
0
30
20
10
40
50
70
60
80
90
100
16
−12
−16
G049
SR = 3500 V/
µs
VCC = ±15 V
Gain = 5
RL = 1 kΩ
RF = 50 Ω
tr/tf = 900 ns
Driving a Capacitive Load
+
_
THS6022
C
LOAD
1kW
Input
Output
1kW
15 W
S0278-02
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
SLEW RATE—SATURATION
SLEW RATE—LINEAR
Figure 53.
Figure 54.
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS6022 has been internally compensated to maximize its bandwidth and
slew-rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output decreases the device phase margin, leading to high-frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 55. A minimum value of 15
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 55. Driving a Capacitive Load
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com