Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022IPWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS6022IPWPR
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6022IPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS6022IPWPR Datasheet HTML 29Page - Texas Instruments THS6022IPWPR Datasheet HTML 30Page - Texas Instruments THS6022IPWPR Datasheet HTML 31Page - Texas Instruments THS6022IPWPR Datasheet HTML 32Page - Texas Instruments THS6022IPWPR Datasheet HTML 33Page - Texas Instruments THS6022IPWPR Datasheet HTML 34Page - Texas Instruments THS6022IPWPR Datasheet HTML 35Page - Texas Instruments THS6022IPWPR Datasheet HTML 36Page - Texas Instruments THS6022IPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
www.ti.com
VI
C2
R2
R1
C1
RF
RG
R1=R2=R
C1=C2=C
Q=PeakingFactor
(ButterworthQ=0.707)
_
+
S0288-01
3dB
1
f
2 RC
-
=
p
F
G
R
R
1
2
Q
=
æ
ö
-
ç
÷
è
ø
+
–
C1
RF
RG
VI
THS6022
S0289-01
VO
O
F
F
I
G
1
S
V
R
R C1
V
R
S
æ
ö
+
ç
÷
æ
ö
ç
÷
= ç
÷
ç
֍
÷
è
ø
ç
÷
è
ø
+
–
RF
VO
RG
R2
R1
C1
RA
VI
THS6022
ForStableOperation:
S0290-01
F
A
G
R
R2
R1|| R
R
³
F
G
O
I
R
1
R
V
V
sR1C1
æ
ö
+
ç
÷
ç
÷
@
ç
÷
ç
÷
è
ø
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
If a multiple-pole filter is required, the use of a Sallen-Key filter can work very well with CFB amplifiers. This is
because the filtering elements are not in the negative feedback loop and stability is not compromised. Because
of their high slew-rates and high bandwidths, CFB amplifiers can create very accurate signals and help minimize
distortion. An example is shown in Figure 63
Figure 62. Two-Pole Low-Pass Sallen-Key Filter
There are two simple ways to create an integrator with a CFB amplifier. The first one, shown in Figure 64, adds
a resistor in series with the capacitor. This is acceptable because at high frequencies, the resistor is dominant
and the feedback impedance never drops below the resistor value. The second one, shown in Figure 65, uses
positive feedback to create the integration. Caution is advised because oscillations can occur because of the
positive feedback.
Figure 63. Inverting CFB Integrator
Figure 64. Noninverting CFB Integrator
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com