Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1296 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 20Page - Microchip Technology CAP1296 Datasheet HTML 21Page - Microchip Technology CAP1296 Datasheet HTML 22Page - Microchip Technology CAP1296 Datasheet HTML 23Page - Microchip Technology CAP1296 Datasheet HTML 24Page - Microchip Technology CAP1296 Datasheet HTML 25Page - Microchip Technology CAP1296 Datasheet HTML 26Page - Microchip Technology CAP1296 Datasheet HTML 27Page - Microchip Technology CAP1296 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
CAP1296
DS00001569B-page 24
 2013-2015 Microchip Technology Inc.
28h
R/W
Repeat Rate Enable
Enables repeat rate for specific
sensor inputs
3Fh
Page 39
29h
R/W
Signal Guard Enable
Enables the signal guard for specific
sensor inputs
00h
Page 39
2Ah
R/W
Multiple Touch
Configuration
Determines the number of
simultaneous touches to flag a
multiple touch condition
80h
Page 40
2Bh
R/W
Multiple Touch Pattern
Configuration
Determines the multiple touch
pattern (MTP) configuration
00h
Page 40
2Dh
R/W
Multiple Touch Pattern
Determines the pattern or number of
sensor inputs used by the MTP
circuitry
3Fh
Page 41
2Eh
R
Base Count Out of
Limit
Indicates whether sensor inputs
have a base count out of limit
00h
Page 42
2Fh
R/W
Recalibration
Configuration
Determines recalibration timing and
sampling window
8Ah
Page 43
30h
R/W
Sensor Input 1
Threshold
Stores the touch detection threshold
for Active for CS1
40h
Page 44
31h
R/W
Sensor Input 2
Threshold
Stores the touch detection threshold
for Active for CS2
40h
Page 44
32h
R/W
Sensor Input 3
Threshold
Stores the touch detection threshold
for Active for CS3
40h
Page 44
33h
R/W
Sensor Input 4
Threshold
Stores the touch detection threshold
for Active for CS4
40h
Page 44
34h
R/W
Sensor Input 5
Threshold
Stores the touch detection threshold
for Active for CS5
40h
Page 44
35h
R/W
Sensor Input 6
Threshold
Stores the touch detection threshold
for Active for CS6
40h
Page 44
38h
R/W
Sensor Input Noise
Threshold
Stores controls for selecting the
noise threshold for all sensor inputs
01h
Page 45
Standby Configuration Registers
40h
R/W
Standby Channel
Controls which sensor inputs are
enabled for Standby
00h
Page 45
41h
R/W
Standby Configuration
Controls averaging and sensing
cycle time for Standby
39h
Page 46
42h
R/W
Standby Sensitivity
Controls sensitivity settings used for
Standby
02h
Page 47
43h
R/W
Standby Threshold
Stores the touch detection threshold
for Standby
40h
Page 48
44h
R/W
Configuration 2
Stores additional configuration
controls for the device
40h
Page 31
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com