Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1296 Datasheet(PDF) 62 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 62 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 58Page - Microchip Technology CAP1296 Datasheet HTML 59Page - Microchip Technology CAP1296 Datasheet HTML 60Page - Microchip Technology CAP1296 Datasheet HTML 61Page - Microchip Technology CAP1296 Datasheet HTML 62Page - Microchip Technology CAP1296 Datasheet HTML 63Page - Microchip Technology CAP1296 Datasheet HTML 64Page - Microchip Technology CAP1296 Datasheet HTML 65Page - Microchip Technology CAP1296 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
CAP1296
DS00001569B-page 62
 2013-2015 Microchip Technology Inc.
APPENDIX A:
DEVICE DELTA
A.1
Delta from CAP1106 to CAP1296
The CAP1296 is pin- and register-compatible with the CAP1106, with the exception of the ALT_POL
bit.
1. Revision ID set to 00h.
2. Added Power Button feature (see Section 4.6, "Power Button").
3. Added ACAL_FAIL bit to flag analog calibration failures (see Section 5.2, "Status Registers") and
ACAL_FAIL_INT bit to control analog calibration failure interrupts (see Section 5.6, "Configuration
Registers").
4. Added BC_OUT bit to flag calibration failures regarding base counts out of limit (see Section 5.2,
"Status Registers") and BC_OUT_RECAL and BC_OUT_INT bit to control base count out of limit
behavior and interrupts (see Section 5.6, "Configuration Registers"). Added Base Count Out of
Limit Register to indicate which sensor inputs have base counts outside the operating range (see
Section 5.17, "Base Count Out of Limit Register").
5. New Combo state has been added which allows some sensors programmed to use the Active state
settings and other sensors programmed to use the Standby state settings to function at the same
time (see Section 4.3.1.3, "Combo State Sensing Settings").
6. Added an option for a signal guard that is overloaded with the CS2 pin. This signal guard is
configured to power a ground shield for improved signal in certain applications (see Section 4.5.1,
"Signal Guard").
7. Increased supply voltage range for 5V operation.
8. Increased operating temperature range from 0°C - 85°C to -40°C to 125°C.
9. Removed ALERT pin configuration (ALT_POL bit).
10. Register additions are shown in Table A-1, "Register Delta".
TABLE A-1:
REGISTER DELTA
Address
Register Delta
Delta
Default
00h
Page 26
Added bits - Main
Control Register
Added C_GAIN[1:0] and COMBO bits.
Changed function of GAIN[1:0] bits if
COMBO bit is set.
00h
02h
Page 28
Added bits - General
Status Register
Added bit 4 PWR for new Power Button
feature. Added bit 5 ACAL_FAIL to
indicate analog calibration failure. Added
bit 6 BC_OUT.
00h
26h
Page 37
Renamed Calibration
Activate and Status
Register and added
functionality
In addition to forcing a calibration, the
register also indicates the status of
calibration for each sensor input.
00h
29h
Page 39
New - Signal Guard
Enable Register
new register for Signal Guard feature
00h
2Eh
Page 42
New - Base Count Out
of Limit Register
new register for calibration status
00h
44h
Page 31
Added and removed
bits - Configuration 2
Register
Added bit 1 ACAL_FAIL_INT. Added bit 4
BC_OUT_INT. Changed bit 6 from
ALT_POL to BC_OUT_RECAL.
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com