Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1296 Datasheet(PDF) 27 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 27 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 23Page - Microchip Technology CAP1296 Datasheet HTML 24Page - Microchip Technology CAP1296 Datasheet HTML 25Page - Microchip Technology CAP1296 Datasheet HTML 26Page - Microchip Technology CAP1296 Datasheet HTML 27Page - Microchip Technology CAP1296 Datasheet HTML 28Page - Microchip Technology CAP1296 Datasheet HTML 29Page - Microchip Technology CAP1296 Datasheet HTML 30Page - Microchip Technology CAP1296 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 27
CAP1296
Bit 5 - STBY - Enables Standby.
• ‘0’ (default) - The device is not in the Standby state.
• ‘1’ - The device is in the Standby state. Capacitive touch sensor input scanning is limited to the sensor inputs set in
the Standby Channel register (see Section 5.21, "Standby Channel Register"). The status registers will not be
cleared until read. Sensor inputs that are no longer sampled will flag a release and then remain in a non-touched
state.
Bit 4 - DSLEEP - Enables Deep Sleep.
• ‘0’ (default) - The device is not in the Deep Sleep state.
• ‘1’ - The device is in the Deep Sleep state. All sensor input scanning is disabled. The status registers are automat-
ically cleared and the INT bit is cleared..
Bits 3 - 2 - C_GAIN[1:0] - When the COMBO bit is set, this bit controls the analog gain used for capacitive touch sensor
inputs enabled in the Standby state. As the gain is increased, the effective sensitivity is likewise increased as a smaller
delta capacitance is required to generate the same delta count values. The Standby sensitivity settings may need to be
adjusted along with the gain settings such that data overflow does not occur.
APPLICATION NOTE: The C_GAIN[1:0] setting is only used if the COMBO bit is set. When the COMBO bit is set,
this control only applies to the sensors enabled in the Standby state, and the GAIN[1:0]
control applies to the sensors enabled in the Active state.
Bit 1 - COMBO - Enables Combo state (see Section 4.3.1.3, "Combo State Sensing Settings").
• ‘0’ (default) - The device is not in the Combo state.
• ‘1’ - The device is in the Combo state. The device is monitoring sensor inputs enabled in the Active state (see Sec-
tion 5.7, "Sensor Input Enable Register") as well as those enabled in the Standby state (see Section 5.21,
"Standby Channel Register"). The status registers will not be cleared until read. Sensor inputs that are no longer
sampled will flag a release and then remain in a non-touched state.
Bit 0 - INT - Indicates that there is an interrupt (see Section 4.9, "Interrupts"). When this bit is set, it asserts the ALERT#
pin. If a channel detects a touch but interrupts are not enabled for that channel (see Section 5.11, "Interrupt Enable Reg-
ister"), no action is taken. This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be
deasserted, and all status registers will be cleared if the condition has been removed.
• ‘0’ - No interrupt pending.
• ‘1’ - An interrupt condition occurred, and the ALERT# pin has been asserted.
TABLE 5-4:
GAIN AND C_GAIN BIT DECODE
GAIN[1:0] or C_GAIN[1:0]
Capacitive Touch Sensor Input Gain
10
00
1
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com