Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 18Page - Texas Instruments LP3906 Datasheet HTML 19Page - Texas Instruments LP3906 Datasheet HTML 20Page - Texas Instruments LP3906 Datasheet HTML 21Page - Texas Instruments LP3906 Datasheet HTML 22Page - Texas Instruments LP3906 Datasheet HTML 23Page - Texas Instruments LP3906 Datasheet HTML 24Page - Texas Instruments LP3906 Datasheet HTML 25Page - Texas Instruments LP3906 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
EN_T
Vout Buck1
Vout Buck2
Vout LDO1
Vout LDO2
t2
t3
t4
t1
I
2
C
EN_T
Ext Enable
Pins
Regulator ON
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
NOTE
LP3906 The default Power on delays can be reprogrammed at final test or by using I2C
registers to 1, 1.5, 2, 3, 6, or 11 ms.
The regulators can also be programmed through I2C to turn on and off. By default, the I2C enables for the
regulators are ON.
The regulators are on following the pattern below:
Regulators on = (I2C enable) AND (External pin enable OR EN_T high).
NOTE
The EN_T power-up sequencing may also be employed immediately after VIN is applied to
the device. However, VIN must be stable for approximately 8ms minimum before EN_T be
asserted high to ensure internal bias, reference, and the Flexible POR timing are
stabilized. This initial EN_T delay is necessary only upon first time device power-on for
power sequencing function to operate properly.
LP3906 Default Power-Up Sequence
Table 4. Power-On Timing Specification
Symbol
Description
Min
Typ
Max
Units
t1
Programmable Delay from EN_T assertion to VCC_Buck1 On
1.5
ms
t2
Programmable Delay from EN_T assertion to VCC_Buck2 On
2
ms
t3
Programmable Delay from EN_T assertion to VCC_LDO1 On
3
ms
t4
Programmable Delay from EN_T assertion to VCC_LDO2 On
6
ms
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com