Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 32Page - Texas Instruments LP3906 Datasheet HTML 33Page - Texas Instruments LP3906 Datasheet HTML 34Page - Texas Instruments LP3906 Datasheet HTML 35Page - Texas Instruments LP3906 Datasheet HTML 36Page - Texas Instruments LP3906 Datasheet HTML 37Page - Texas Instruments LP3906 Datasheet HTML 38Page - Texas Instruments LP3906 Datasheet HTML 39Page - Texas Instruments LP3906 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
where
Iripple =
VIN - VOUT
2L
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
Isat > Ioutmax + Iripple
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
APPLICATION NOTES
SYSTEM CLOCK INPUT (SYNC) PIN
Pin 23 of the chip allows for a system clock input in order to synchronize the buck converters in PWM mode. This
is useful if the user wishes to force the bucks to work synchronously with the system. Otherwise, the user should
tie the pin to GND and the bucks will operate on an internal 2 MHz clock.
The signal applied to the SYNC pin must be 13 MHz as per application processor specifications, but we can be
contacted to modify that specification if so desired. Upon inputting the 13 MHz clock signal, the bucks will scale it
down and continue to run at 2 MHz based off the 13 MHz clock.
ANALOG POWER SIGNAL ROUTING
All power inputs should be tied to the main VDD source (i.e. battery), unless the user wishes to power it from
another source. (i.e. external LDO output).
The analog VDD inputs power the internal bias and error amplifiers, so they should be tied to the main VDD. The
analog VDD inputs must have an input voltage between 2.7 and 5.5 V, as specified on pg. 6 of the datasheet.
The other VINs (VINLDO1, VINLDO2, VIN1, VIN2) can actually have inputs lower than 2.7V, as long as it's higher
than the programmed output (+0.3V, to be safe).
The analog and digital grounds should be tied together outside of the chip to reduce noise coupling.
COMPONENT SELECTION
Inductors for SW1 and SW2
There are two main considerations when choosing an inductor; the inductor should not saturate and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Care should be taken when reviewing
the different saturation current ratings that are specified by different manufacturers. Saturation current ratings are
typically specified at 25ºC, so ratings at maximum ambient temperature of the application should be requested
from the manufacturer.
There are two methods to choose the inductor saturation current rating:
Method 1
The saturation current is greater than the sum of the maximum load current and the worst case average to peak
inductor current. This can be written as follows:
(5)
IRIPPLE: Average to peak inductor current
IOUTMAX: Maximum load current
VIN:
Maximum input voltage to the buck
L:
Min inductor value including worse case tolerances (30% drop can be considered for method 1)
f:
Minimum switching frequency (1.6 MHz)
VOUT: Buck Output voltage
Method 2
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the maximum current limit of 2375 mA.
Given a peak-to-peak current ripple (IPP) the inductor needs to be at least:
36
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com