Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3906 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 21Page - Texas Instruments LP3906 Datasheet HTML 22Page - Texas Instruments LP3906 Datasheet HTML 23Page - Texas Instruments LP3906 Datasheet HTML 24Page - Texas Instruments LP3906 Datasheet HTML 25Page - Texas Instruments LP3906 Datasheet HTML 26Page - Texas Instruments LP3906 Datasheet HTML 27Page - Texas Instruments LP3906 Datasheet HTML 28Page - Texas Instruments LP3906 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack stop
ack from slave
ack from slave
SCL
start
id = K¶60
w ack
register addr = K¶10
GDWD DGGU K¶6A
ack
ack stop
SDA
rs
msb Chip Address lsb
r
ack
repeated start
data from slave
ack from master
r
id = K¶60
ack
rs
.
SCL
SDA
start
id = K¶60
w ack
addr = K¶02
DGGUHVV K¶$$ GDWD
ack
ack
stop
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack
stop
ack from slave
ack from slave
1
2
3
4
5 6
7
8
9
1
2
3 ...
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = LP3906 chip address : 0x60
Figure 37. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle waveform.
Figure 38. I2C Read Cycle
LP3906 Control Registers
Register Address
Register Name
Read/Write
Register Description
0x02
ICRA
R
Interrupt Status Register A
0x07
SCR1
R/W
System Control 1 Register
0x10
BKLDOEN
R/W
Buck and LDO Output Voltage Enable Register
0x11
BKLDOSR
R
Buck and LDO Output Voltage Status Register
0x20
VCCR
R/W
Voltage Change Control Register 1
0x23
B1TV1
R/W
Buck 1 Target Voltage 1 Register
0x24
B1TV2
R/W
Buck 1 Target Voltage 2 Register
0x25
B1RC
R/W
Buck 1 Ramp Control
0x29
B2TV1
R/W
Buck 2 Target Voltage 1 Register
0x2A
B2TV2
R/W
Buck 2 Target Voltage 2 Register
0x2B
B2RC
R/W
Buck 2 Ramp Control
0x38
BFCR
R/W
Buck Function Register
0x39
LDO1VCR
R/W
LDO1 Voltage control Registers
0x3A
LDO2VCR
R/W
LDO2 Voltage control Registers
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com