Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3913 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 23Page - Texas Instruments LP3913 Datasheet HTML 24Page - Texas Instruments LP3913 Datasheet HTML 25Page - Texas Instruments LP3913 Datasheet HTML 26Page - Texas Instruments LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Throughout this product specification, the register address is noted in hexadecimal notation immediately following
the register name as illustrated below:
PON Register (00)h Power On Event Register
D7–4
D3
D2
D1
D0
Battery Monitor
The battery voltage is monitored and will invoke the Power Off mode when the battery low threshold is breached
for more than 5 ms (Typ.). The battery low threshold DEFAULT is factory programmed. The battery low threshold
range is 2.5V–3.5V with steps of 50 mV. The Battery low threshold in the table below refers to a decreasing
battery voltage. The threshold when the battery voltage is transitioning out of the VBATTLOW is 50 mV (Typ.) higher
than the values listed in the table below due to a built-in hysteresis of 50 mV (Typ.).
The battery low IRQ is triggered 200 mV above the battery low alarm threshold that powers down the IC. This
gives the user time for a controlled shutdown.
BATTLOW Register (04)h Battery Low Alarm Register
D7–5
D4–0
Access
Read Only 0
rw
Data
reserved
Battery Low Threshold Voltage (V)
Battery Low IRQ Threshold Voltage (V)
5’h14–1F
2.50
2.70
5’h13
2.55
2.75
5’h12
2.60
2.80
5’h11
2.65
2.85
5’h10
2.70
2.90
5’h0F
2.75
2.95
5’h0E
2.80
3.00
5’h0D
2.85
3.05
5’h0C
2.90
3.10
5’h0B
2.95
3.15
5’h0A
3.00
3.20
5’h09
3.05
3.25
5’h08
3.10
3.30
5’h07
3.15
3.35
5’h06
3.20
3.40
5’h05
3.25
3.45
5’h04
3.30
3.50
5’h03
3.35
3.55
5’h02
3.40
3.60
5’h01
3.45
3.65
5’h00
3.50
3.70
Reset
n/a
5’h0C
2.90
3.10
Power Off Mode
In Power Off mode the main battery, the battery charger supply, and the USB supply are below their minimum on
levels. All internal circuits are disabled as the supply voltage is below the level to activate them. The LP3913 is in
Power Off mode when the battery voltage is below the battery VUVLO (2.4V typ) except when a valid external
supply is detected.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com