Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3913 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 46Page - Texas Instruments LP3913 Datasheet HTML 47Page - Texas Instruments LP3913 Datasheet HTML 48Page - Texas Instruments LP3913 Datasheet HTML 49Page - Texas Instruments LP3913 Datasheet HTML 50Page - Texas Instruments LP3913 Datasheet HTML 51Page - Texas Instruments LP3913 Datasheet HTML 52Page - Texas Instruments LP3913 Datasheet HTML 53Page - Texas Instruments LP3913 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
LDO2 Control Register (09)h
D7–6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Operation
LDO1 Output Voltage (V)
0: enable/ disable
5’h00
1.3
determined by
5’h01
1.4
state of LDO2EN
pin
5’h02
1.5
1: enable,
5’h03
1.6
override LDO2EN
state
5’h04
1.7
5’h05
1.8
5’h06
1.9
5’h07
2.0
5’h08
2.1
5’h09
2.2
5’h0A
2.3
5’h0B
2.4
5’h0C
2.5
5’h0D
2.6
5’h0E
2.7
5’h0F
2.8
5’h10
2.9
5’h11
3.0
5’h12
3.1
5’h13
3.2
5’h14 –5’h1F
3.3
Reset
n/a
0
5’h14
BUCK1, BUCK2: Synchronous Step Down Magnetic DC/DC Converters
Functional Description
The LP3913, incorporates two high efficiency synchronous switching buck regulators, BUCK1 and BUCK2 that
deliver a constant voltage from a single Li-Ion battery to the portable system processors, Memory and I/O. Using
a voltage mode architecture with synchronous rectification, both bucks have the ability to deliver up to 600 mA
depending on the input voltage and output voltage (voltage head room), and the inductor chosen (maximum
current capability).
There are three modes of operation depending on the current required: PWM, PFM, and shutdown. PWM mode
handles current loads of approximately 70 mA or higher, delivering voltage precision of ±3% with 90% efficiency
or better. Lighter output current loads cause the device to automatically switch into PFM for reduced current
consumption (IQ = 15 µA typ.) and a longer battery life. The Standby operating mode turns off the device, offering
the lowest current consumption. PWM or PFM mode is selected automatically or PWM mode can be forced
through the setting of the buck control register.
Both BUCK1 and BUCK2 can operate up to a 100% duty cycle (PMOS switch always on). Additional features
include soft-start, under-voltage lock-out, current overload protection, and thermal overload protection.
Circuit Operation Description
A buck converter contains a control block, a switching PFET connected between input and output, a synchronous
rectifying NFET connected between the output and ground (BCKGND pin) and a feedback path. During the first
portion of each switching cycle, the control block turns on the internal PFET switch. This allows current to flow
from the input through the inductor to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of VIN-VOUT/L.
50
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com